Electronic Components Datasheet Search
  English  ▼

X  

ADC3564 Datasheet(PDF) 69 Page - Texas Instruments

Part # ADC3564
Description  ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3564 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC3564 Datasheet HTML 64Page - Texas Instruments ADC3564 Datasheet HTML 65Page - Texas Instruments ADC3564 Datasheet HTML 66Page - Texas Instruments ADC3564 Datasheet HTML 67Page - Texas Instruments ADC3564 Datasheet HTML 68Page - Texas Instruments ADC3564 Datasheet HTML 69Page - Texas Instruments ADC3564 Datasheet HTML 70Page - Texas Instruments ADC3564 Datasheet HTML 71Page - Texas Instruments ADC3564 Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
www.ti.com
PACKAGE OUTLINE
C
40X
0.25
0.15
40X
0.5
0.3
0.8 MAX
(0.2) TYP
0.05
0.00
36X 0.4
2X
3.6
2X 3.6
3.15 0.1
A
5.1
4.9
B
5.1
4.9
WQFN - 0.8 mm max height
RSB0040E
PLASTIC QUAD FLATPACK - NO LEAD
4219096/A 11/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
10
21
30
11
20
40
31
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
41
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com