Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 4 Page - Texas Instruments

  INA241A Datasheet HTML 1Page - Texas Instruments INA241A Datasheet HTML 2Page - Texas Instruments INA241A Datasheet HTML 3Page - Texas Instruments INA241A Datasheet HTML 4Page - Texas Instruments INA241A Datasheet HTML 5Page - Texas Instruments INA241A Datasheet HTML 6Page - Texas Instruments INA241A Datasheet HTML 7Page - Texas Instruments INA241A Datasheet HTML 8Page - Texas Instruments INA241A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
(VS)
22
V
Analog inputs,
VIN+, VIN- (2)
Differential (VIN+) − (VIN-)
−30
30
V
Common-mode
−20
120
V
REF1, REF2,
NC inputs
GND − 0.3
VS + 0.3
V
Output
GND – 0.3
Vs + 0.3
V
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not
imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating
Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
−5
48
110
V
VS
Operating supply range
2.7
5
20
V
TA
Ambient temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
INA241
UNIT
DDF (SOT23)
DGK (VSSOP)(2)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
129.7
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58
TBD
°C/W
RθJB
Junction-to-board thermal resistance
52.6
TBD
°C/W
ΨJT
Junction-to-top characterization parameter
2.3
TBD
°C/W
ΨJB
Junction-to-board characterization parameter
52.3
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
This package is preview only.
INA241A, INA241B
SBOSA30A – MARCH 2022 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com