Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 3 Page - Texas Instruments

  INA241A Datasheet HTML 1Page - Texas Instruments INA241A Datasheet HTML 2Page - Texas Instruments INA241A Datasheet HTML 3Page - Texas Instruments INA241A Datasheet HTML 4Page - Texas Instruments INA241A Datasheet HTML 5Page - Texas Instruments INA241A Datasheet HTML 6Page - Texas Instruments INA241A Datasheet HTML 7Page - Texas Instruments INA241A Datasheet HTML 8Page - Texas Instruments INA241A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Device Comparison
Table 5-1. Device Comparison
DEVICE NAME
GAIN
INA241A1, INA241B1
10 V/V
INA241A2, INA241B2
20 V/V
INA241A3, INA241B3
50 V/V
INA241A4, INA241B4
100 V/V
INA241A5, INA241B5
200 V/V
6 Pin Configuration and Functions
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
Vs
4
NC
5
OUT
Not to scale
Figure 6-1. INA241x: DDF Package 8-Pin SOT-23
Top View
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
Vs
4
NC
5
OUT
Not to scale
1. This package is preview only.
Figure 6-2. INA241x: DGK Package 8-Pin VSSOP
Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Ground
Ground
IN+
8
Input
Current-sense amplifier positive input. For high-side applications, connect to bus-voltage
side of sense resistor. For low-side applications, connect to load side of sense resistor.
IN–
1
Input
Current-sense amplifier negative input. For high-side applications, connect to load side of
sense resistor. For low-side applications, connect to ground side of sense resistor.
NC
4
Ground
Reserved. Connect to ground.
OUT
5
Output
Output voltage
REF1
7
Input
Reference 1 voltage. Connect to voltage potential from 0 V to VS; see Adjusting the Output
With the Reference Pins for connection options.
REF2
3
Input
Reference 2 voltage. Connect to voltage potential from 0 V to VS; see Adjusting the Output
With the Reference Pins for connection options.
VS
6
Power
Power supply, 2.7 V to 20 V
www.ti.com
INA241A, INA241B
SBOSA30A – MARCH 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com