Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 2 Page - Texas Instruments

  INA241A Datasheet HTML 1Page - Texas Instruments INA241A Datasheet HTML 2Page - Texas Instruments INA241A Datasheet HTML 3Page - Texas Instruments INA241A Datasheet HTML 4Page - Texas Instruments INA241A Datasheet HTML 5Page - Texas Instruments INA241A Datasheet HTML 6Page - Texas Instruments INA241A Datasheet HTML 7Page - Texas Instruments INA241A Datasheet HTML 8Page - Texas Instruments INA241A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Electrical Characteristics.............................................5
7.6 Typical Characteristics................................................ 8
8 Detailed Description......................................................15
8.1 Overview................................................................... 15
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................15
8.4 Device Functional Modes..........................................17
9 Application and Implementation.................................. 22
9.1 Application Information............................................. 22
9.2 Typical Application.................................................... 23
9.3 Power Supply Recommendations.............................25
9.4 Layout....................................................................... 25
10 Device and Documentation Support..........................26
10.1 Receiving Notification of Documentation Updates..26
10.2 Support Resources................................................. 26
10.3 Trademarks.............................................................26
10.4 Electrostatic Discharge Caution..............................26
10.5 Glossary..................................................................26
11 Mechanical, Packaging, and Orderable
Information.................................................................... 26
4 Revision History
Changes from Revision * (March 2022) to Revision A (August 2022)
Page
• Changed data sheet status from Advanced Information to Production Data......................................................1
INA241A, INA241B
SBOSA30A – MARCH 2022 – REVISED AUGUST 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com