Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA241A Datasheet HTML 9Page - Texas Instruments INA241A Datasheet HTML 10Page - Texas Instruments INA241A Datasheet HTML 11Page - Texas Instruments INA241A Datasheet HTML 12Page - Texas Instruments INA241A Datasheet HTML 13Page - Texas Instruments INA241A Datasheet HTML 14Page - Texas Instruments INA241A Datasheet HTML 15Page - Texas Instruments INA241A Datasheet HTML 16Page - Texas Instruments INA241A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
Supply Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0
0.5
1
1.5
2
2.5
3
125 C
25 C
-40 C
VREF1 = VREF2 = 0 V,
VSENSE = 0 V
Figure 7-31. Quiescent Current vs Supply Voltage
Common-Mode Voltage (V)
-20
0
20
40
60
80
100
120
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
VS = 20V
VS = 5V
VS = 2.7V
.
.
Figure 7-32. Quiescent Current vs Common-Mode Voltage
Time (2 s/div)
Common-Mode
Voltage
Output Voltage
VCM = -5 V to 110 V,
VSENSE = 0 V
Figure 7-33. Common-Mode Voltage Fast Transient Pulse
Time (500 ns/div)
Input Voltage
Output Voltage
INA241A4
.
Figure 7-34. Small Step Response
Time (500 ns/div)
Input Voltage
Output Voltage
INA241A4
Figure 7-35. Large Step Response
Time (5 s/div)
0V
0V
Supply Voltage
Output Voltage
.
Figure 7-36. Start-Up Response
www.ti.com
INA241A, INA241B
SBOSA30A – MARCH 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com