Electronic Components Datasheet Search
  English  ▼

X  

INA241A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA241A
Description  INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA241A Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA241A Datasheet HTML 7Page - Texas Instruments INA241A Datasheet HTML 8Page - Texas Instruments INA241A Datasheet HTML 9Page - Texas Instruments INA241A Datasheet HTML 10Page - Texas Instruments INA241A Datasheet HTML 11Page - Texas Instruments INA241A Datasheet HTML 12Page - Texas Instruments INA241A Datasheet HTML 13Page - Texas Instruments INA241A Datasheet HTML 14Page - Texas Instruments INA241A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VSENSE = VIN+ – VIN–, VCM = VIN– = 48 V, and VREF1 = VREF2 = VS / 2 (unless otherwise noted)
VSENSE (mV)
-1000
-750
-500
-250
0
250
500
750
1000
-200
-150
-100
-50
0
50
100
150
200
250
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 7-19. INA241x2 Input Bias Current vs VSENSE
VSENSE (mV)
-400
-300
-200
-100
0
100
200
300
400
-75
-50
-25
0
25
50
75
100
125
150
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
Figure 7-20. INA241x3 and INA241x4 Input Bias Current vs
VSENSE
VSENSE (mV)
-100
-75
-50
-25
0
25
50
75
100
-24
-12
0
12
24
36
48
60
72
84
IB+
IB-
IB+, VS = 0V
IB-, VS = 0V
.
Figure 7-21. INA241x5 Input Bias Current vs VSENSE
Output Current (mA)
0
2.5
5
7.5
10
VS
VS - 0.3
VS - 0.6
GND
GND + 0.3
GND + 0.6
VS - 0.9
VS - 1.2
GND + 0.9
GND + 1.2
125 C
25 C
-40 C
VS = 2.7 V
Figure 7-22. Output Voltage vs Output Current
VS = 5 V to 20 V
Figure 7-23. Output Voltage vs Output Current
Frequency (Hz)
0.01
0.1
1
10
100
200
10
100
1k
10k
100k
1M
10M
.
Figure 7-24. Output Impedance vs Frequency
www.ti.com
INA241A, INA241B
SBOSA30A – MARCH 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA241A INA241B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com