Electronic Components Datasheet Search
  English  ▼

X  

LWF Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LWF
Description  Ferrite Wirewound Inductor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWF Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LWF Datasheet HTML 1Page - Stackpole Electronics, Inc. LWF Datasheet HTML 2Page - Stackpole Electronics, Inc. LWF Datasheet HTML 3Page - Stackpole Electronics, Inc. LWF Datasheet HTML 4Page - Stackpole Electronics, Inc. LWF Datasheet HTML 5Page - Stackpole Electronics, Inc. LWF Datasheet HTML 6Page - Stackpole Electronics, Inc. LWF Datasheet HTML 7Page - Stackpole Electronics, Inc. LWF Datasheet HTML 8Page - Stackpole Electronics, Inc. LWF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev Date: 8/30/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWF Series
Ferrite Wirewound Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications
– LWF1210 Standard
Electrical Specifications
– LWF1008 Standard (cont.)
Inductance
Q
Test Freq
SRF
DCR
IDC
(
μH)
min.
(MHz)
(MHz) Typical
(Ω) Max
(mA) Max
LWF1008 _ T2R2
2.2
±5, ±10%
25
7.90
205
1.1
760
LWF1008 _ T2R7
2.7
±5, ±10%
25
7.90
187
1.22
760
LWF1008 _ T3R3
3.3
±5, ±10%
25
7.90
165
1.37
740
LWF1008 _ T3R9
3.9
±5, ±10%
25
7.90
144
1.66
700
LWF1008 _ T4R7
4.7
±5, ±10%
25
7.90
110
1.68
660
LWF1008 _ T5R6
5.6
±5, ±10%
25
7.90
88
1.75
640
LWF1008 _ T6R8
6.8
±5, ±10%
25
7.90
70
1.85
640
LWF1008 _ T8R2
8.2
±5, ±10%
25
7.90
57
2
600
LWF1008 _ T100
10
±5, ±10%
25
7.90
55
2.32
600
LWF1008 _ T120
12
±5, ±10%
15
2.50
52
2.99
560
LWF1008 _ T150
15
±5, ±10%
15
2.50
49
3.42
480
LWF1008 _ T180
18
±5, ±10%
15
2.50
48
4.65
420
LWF1008 _ T220
22
±5, ±10%
15
2.50
25
5.12
420
LWF1008 _ T270
27
±5, ±10%
15
2.50
23
5.76
420
LWF1008 _ T330
33
±5, ±10%
15
2.50
17
6.44
400
LWF1008 _ T390
39
±5, ±10%
15
2.50
15
6.85
380
LWF1008 _ T470
47
±5, ±10%
14
2.50
13
9.94
260
LWF1008 _ T560
56
±5, ±10%
14
2.50
10
10.7
280
LWF1008 _ T680
68
±5, ±10%
14
2.50
8
12.8
260
LWF1008 _ T820
82
±5, ±10%
14
2.50
8
18.3
240
LWF1008 _ T101
100
±5, ±10%
8
1
7
19.6
200
Part Number
Tolerance
Inductance
Q
Test Freq
SRF
DCR
IDC
(
μH)
min.
(MHz)
(MHz) min.
(Ω) max.
(mA) max.
LWF1210MTR18
0.18
±20%
30
25.2
685
0.28
450
LWF1210MTR22
0.22
±20%
30
25.2
560
0.32
450
LWF1210MTR27
0.27
±20%
30
25.2
525
0.36
450
LWF1210MTR33
0.33
±20%
30
25.2
520
0.4
450
LWF1210MTR39
0.39
±20%
30
25.2
470
0.45
450
LWF1210MTR47
0.47
±20%
30
25.2
430
0.5
450
LWF1210MTR56
0.56
±20%
30
25.2
395
0.55
450
LWF1210MTR68
0.68
±20%
30
25.2
370
0.6
450
LWF1210MTR82
0.82
±20%
30
25.2
310
0.65
450
LWF1210KT1R0
1
±10%
30
7.96
295
0.7
400
LWF1210KT1R2
1.2
±10%
30
7.96
255
0.75
390
LWF1210KT1R5
1.5
±10%
30
7.96
160
0.85
370
LWF1210KT1R8
1.8
±10%
30
7.96
125
0.9
350
LWF1210KT2R2
2.2
±10%
30
7.96
100
1
320
LWF1210KT2R7
2.7
±10%
30
7.96
65
1.1
290
LWF1210KT3R3
3.3
±10%
30
7.96
55
1.2
260
LWF1210KT3R9
3.9
±10%
30
7.96
50
1.3
250
LWF1210KT4R7
4.7
±10%
30
7.96
45
1.5
220
LWF1210KT5R6
5.6
±10%
30
7.96
40
1.6
200
LWF1210KT6R8
6.8
±10%
30
7.96
35
1.8
180
LWF1210KT8R2
8.2
±10%
30
7.96
30
2
170
LWF1210KT100
10
±10%
30
2.52
30
2.1
150
LWF1210KT120
12
±10%
30
2.52
28
2.5
140
LWF1210KT150
15
±10%
30
2.52
25
2.8
130
LWF1210KT180
18
±10%
30
2.52
22
3.3
120
LWF1210KT220
22
±10%
30
2.52
19
3.7
110
LWF1210KT270
27
±10%
30
2.52
18
5
80
LWF1210KT330
33
±10%
30
2.52
17
5.6
70
LWF1210KT390
39
±10%
30
2.52
15
6.4
65
LWF1210KT470
47
±10%
30
2.52
14
7
60
LWF1210KT560
56
±10%
30
2.52
13
8
55
LWF1210KT680
68
±10%
30
2.52
11
9
50
Part Number
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com