Electronic Components Datasheet Search
  English  ▼

X  

LWF Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # LWF
Description  Ferrite Wirewound Inductor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWF Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button LWF Datasheet HTML 5Page - Stackpole Electronics, Inc. LWF Datasheet HTML 6Page - Stackpole Electronics, Inc. LWF Datasheet HTML 7Page - Stackpole Electronics, Inc. LWF Datasheet HTML 8Page - Stackpole Electronics, Inc. LWF Datasheet HTML 9Page - Stackpole Electronics, Inc. LWF Datasheet HTML 10Page - Stackpole Electronics, Inc. LWF Datasheet HTML 11Page - Stackpole Electronics, Inc. LWF Datasheet HTML 12Page - Stackpole Electronics, Inc. LWF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev Date: 8/30/2022
12
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWF Series
Ferrite Wirewound Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Type/Code
D
Unit
0.472 ± 0.008
0.130 ± 0.004
0.315 ± 0.004
0.217 ± 0.002
0.069 ± 0.004
0.059
inches
12.00 ± 0.20
3.30 ± 0.10
8.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
1.50
mm
0.630 ± 0.008
0.211 ± 0.004
0.472 ± 0.004
0.295 ± 0.002
0.069 ± 0.004
0.059
inches
16.00 ± 0.20
5.35 ± 0.10
12.00 ± 0.10
7.50 ± 0.05
1.75 ± 0.10
1.50
mm
Type/Code
Unit
0.079 ± 0.002
0.138 ± 0.002
0.012 ± 0.002
0.197 ± 0.004
0.157 ± 0.004
inches
2.00 ± 0.05
3.50 ± 0.05
0.30 ± 0.05
5.00 ± 0.10
4.00 ± 0.10
mm
0.079 ± 0.002
0.217 ± 0.002
0.014 ± 0.002
0.240 ± 0.004
0.157 ± 0.004
inches
2.00 ± 0.05
5.50 ± 0.05
0.35 ± 0.05
6.10 ± 0.10
4.00 ± 0.10
mm
F
LWF1812
A
B
C
E
LWF1812
LWF2220
L
LWF2220
G
H
J
K
Leader / Trailer Tape
Cover Tape Peel Strength
The force for tearing off cover tape is 0.1~0.6(N) in the arrow direction at the following conditions:
Temperature: 5 ~ 35 °C
Humidity: 45 ~ 85%
Atmospheric pressure: 860 ~ 1060 hpa
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Embossed Plastic Tape Specifications (cont.)
RoHS Compliance Status
LWF
Surface Mount Ferrite Wirewound Inductor
SMD
YES
100% Matte Sn
Aug-05
05/31
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com