| Electronic Components Datasheet Search |
|
LWF Datasheet(PDF) 11 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
LWF Datasheet(HTML) 11 Page - Stackpole Electronics, Inc. |
|
11 / 13 page ![]() Rev Date: 8/30/2022 11 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. LWF Series Ferrite Wirewound Inductor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications Embossed Plastic Tape Specifications Type/Code Unit 7.008 ± 0.079 2.362 ± 0.020 0.512 ± 0.012 0.354 ± 0.012 0.472 ± 0.039 inches 178.00 ± 2.00 60.00 ± 0.50 13.00 ± 0.30 9.00 ± 0.30 12.00 ± 1.00 mm 7.008 ± 0.079 2.362 ± 0.020 0.512 ± 0.012 0.354 ± 0.012 0.472 ± 0.039 inches 178.00 ± 2.00 60.00 ± 0.50 13.00 ± 0.30 9.00 ± 0.30 12.00 ± 1.00 mm 7.008 ± 0.079 2.362 ± 0.020 0.512 ± 0.012 0.354 ± 0.012 0.472 ± 0.039 inches 178.00 ± 2.00 60.00 ± 0.50 13.00 ± 0.30 9.00 ± 0.30 12.00 ± 1.00 mm 7.008 ± 0.079 2.362 ± 0.020 0.512 ± 0.012 0.354 ± 0.012 0.472 ± 0.039 inches 178.00 ± 2.00 60.00 ± 0.50 13.00 ± 0.30 9.00 ± 0.30 12.00 ± 1.00 mm 7.008 ± 0.079 3.150 ± 0.020 0.512 ± 0.012 0.520 ± 0.012 0.630 ± 0.039 inches 178.00 ± 2.00 80.00 ± 0.50 13.00 ± 0.30 13.20 ± 0.30 16.00 ± 1.00 mm 12.992 ± 0.079 3.937 ± 0.020 0.512 ± 0.012 0.685 ± 0.012 0.866 ± 0.039 inches 330.00 ± 2.00 100.00 ± 0.50 13.00 ± 0.30 17.40 ± 0.30 22.00 ± 1.00 mm LWF2220 T LWF0805 LWF1008 LWF1210 LWF1812 LWF0603 A B C W Type/Code D Unit 0.315 ± 0.008 0.049 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 0.069 ± 0.004 0.059 inches 8.00 ± 0.20 1.25 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 1.75 ± 0.10 1.50 mm 0.315 ± 0.008 0.073 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 0.069 ± 0.004 0.059 inches 8.00 ± 0.20 1.85 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 1.75 ± 0.10 1.50 mm 0.315 ± 0.008 0.110 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 0.069 ± 0.004 0.059 inches 8.00 ± 0.20 2.80 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 1.75 ± 0.10 1.50 mm 0.315 ± 0.008 0.117 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 0.069 ± 0.004 0.059 inches 8.00 ± 0.20 2.96 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 1.75 ± 0.10 1.50 mm Type/Code Unit 0.079 ± 0.002 0.039 ± 0.002 0.009 ± 0.002 0.075 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 1.00 ± 0.05 0.23 ± 0.05 1.90 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.057 ± 0.002 0.009 ± 0.002 0.100 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 1.45 ± 0.05 0.23 ± 0.05 2.55 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.087 ± 0.002 0.009 ± 0.002 0.116 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 2.22 ± 0.05 0.23 ± 0.05 2.95 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.094 ± 0.002 0.009 ± 0.002 0.142 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 2.40 ± 0.05 0.23 ± 0.05 3.60 ± 0.10 4.00 ± 0.10 mm F K L LWF0603 LWF1008 LWF0805 J LWF1008 LWF1210 LWF0603 A B C E LWF1210 G H LWF0805 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |