Electronic Components Datasheet Search
  English  ▼

X  

LWF Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # LWF
Description  Ferrite Wirewound Inductor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWF Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button LWF Datasheet HTML 5Page - Stackpole Electronics, Inc. LWF Datasheet HTML 6Page - Stackpole Electronics, Inc. LWF Datasheet HTML 7Page - Stackpole Electronics, Inc. LWF Datasheet HTML 8Page - Stackpole Electronics, Inc. LWF Datasheet HTML 9Page - Stackpole Electronics, Inc. LWF Datasheet HTML 10Page - Stackpole Electronics, Inc. LWF Datasheet HTML 11Page - Stackpole Electronics, Inc. LWF Datasheet HTML 12Page - Stackpole Electronics, Inc. LWF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev Date: 8/30/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWF Series
Ferrite Wirewound Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reflow Chart:
Mechanical Performance Test
Climatic Test
Test
Test Specification
Test Condition
Solderability
The electrodes shall be at least 90%
covered with new solder coating
Lead-free inductor: after fluxing (alpha 100 or equivalent), inductor
shall be dipped in a melted solder bath at 245±5°C, 5±0.5 seconds
Resistance to Soldering Heat
Appearance: No damage
Pre-heating: 150°C, 1 minute
Solder Temperature: 260±5°C
Immersion Time: 10±1 seconds
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1 minute
Amplitude: 1.5 mm
Time: 2 hours for each axis (X, Y and Z), total 6 hours
Vibration
Appearance: No damage
L change: within ±10%
Q change: within ±30%
DCR: within specification
Test
Test Specification
Test Condition
One Cycle:
Total: 100 cycles
Measured after exposure in the room condition for 24 hours
Temperature: 40 ± 2°C
Relative Humidity: 90~95%
Time: 1000 hours
Measured after exposure in the room condition for 24 hours
Temperature: 85 ± 3°C
Applied current: Rated current
Time: 1000 hours
Measured after exposure in the room condition for 24 hours
Temperature : -25 ± 3°C
Time: 1000 hours
Measured after exposure in the room condition for 24 hours
Storage Temperature: 25 ± 3°C. Humidity < 80% R.H.
Operating Temperature Range: -40 ~ +85 °C
Appearance: No damage
L change: within ± 10%
Q change: within ± 30%
DCR: within specification
High Temperature Storage
Low Temperature Storage
Temperature Cycle
Damp Heat with Load
Step
Temperature (°C) Time (min.)
1
-25 ± 3
30
2
25 ± 2
3
3
85 ± 3
30
4
25 ± 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com