Electronic Components Datasheet Search
  English  ▼

X  

LWF Datasheet(PDF) 13 Page - Stackpole Electronics, Inc.

Part # LWF
Description  Ferrite Wirewound Inductor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWF Datasheet(HTML) 13 Page - Stackpole Electronics, Inc.

Back Button LWF Datasheet HTML 5Page - Stackpole Electronics, Inc. LWF Datasheet HTML 6Page - Stackpole Electronics, Inc. LWF Datasheet HTML 7Page - Stackpole Electronics, Inc. LWF Datasheet HTML 8Page - Stackpole Electronics, Inc. LWF Datasheet HTML 9Page - Stackpole Electronics, Inc. LWF Datasheet HTML 10Page - Stackpole Electronics, Inc. LWF Datasheet HTML 11Page - Stackpole Electronics, Inc. LWF Datasheet HTML 12Page - Stackpole Electronics, Inc. LWF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev Date: 8/30/2022
13
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWF Series
Ferrite Wirewound Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
N
L
0
5
K
T
C
R
1
0
EIA
NL
0805
Code
Code
Code
Code
Inductance
1008
J
R12
120nH
1210
K
C
R27
270nH
1812
M
L
2R7
2700nH
2220
100
10μH
20
12
500
High Current
12
±20%
20
1,000
Low Profile
Design
08
±5%
T
Tape and
Reel
05, 08, 10
2,000
Standard
10
±10%
Wirewound Inductor
05
Tol
Description
Size
Quantity
Product Series
Code
Tolerance
Packaging
Design
Inductance
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the
“conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
LWF
Code
Code
Code
Inductance
Code
J
R12
120nH
(blank)
K
R27
270nH
-HC
M
2R7
2700nH
-LP
100
10μH
Wirewound Inductor
Product Series
Size
Tolerance
Inductance
0603
Tol
Description
Packaging
Quantity
Size
Design
Design
Standard
High Current
10%
5%
0805
Low Profile
1008
1210
2000
500
1812
0805
0603
4000
T
Tape and
Reel
1000
20%
1812
2220
2220
1008
1210
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
L
W
F
1
0
0
8
K
T
R
1
2
-
H
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com