Electronic Components Datasheet Search
  English  ▼

X  

COM90C66 Datasheet(PDF) 3 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 3 Page - SMSC Corporation

  COM90C66 Datasheet HTML 1Page - SMSC Corporation COM90C66 Datasheet HTML 2Page - SMSC Corporation COM90C66 Datasheet HTML 3Page - SMSC Corporation COM90C66 Datasheet HTML 4Page - SMSC Corporation COM90C66 Datasheet HTML 5Page - SMSC Corporation COM90C66 Datasheet HTML 6Page - SMSC Corporation COM90C66 Datasheet HTML 7Page - SMSC Corporation COM90C66 Datasheet HTML 8Page - SMSC Corporation COM90C66 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
3
For other machines, the IOCHRDY signal may
be briefly negated to give the device the extra
time necessary to support the faster machines.
Aside from the implementation of a 16-bit data
bus interface, the remaining bus interface logic
is
identical
to
that
found
in
the
SMSC
COM90C65, which contains all the support logic
circuitry.
The ARCNET Local Area Network is a token
passing network which operates at a 2.5 Mbps
data rate.
A token passing protocol provides
predictable
response
times
because
each
network event occurs within a known time
interval.
Throughput can be reliably predeter-
mined based upon the number of nodes and
their expected traffic.
The
COM90C66
establishes
the
network
configuration and automatically reconfigures the
token passing order as new nodes are added or
deleted from the network.
The COM90C66 performs address recognition,
CRC
checking
and
generation,
packet
acknowledgement,
and
other
network
management
functions.
The
C0M90C66
interfaces
directly
to
the
IBM
PC/AT
or
compatibles. The internal 2K x 8 RAM buffer is
used to hold up to four data packets with a
maximum length of 508 bytes each.
PIN CONFIGURATION
AEN
D0
D1
D2
D3
D4
D5
D6
D7
GND
D8
D9
D10
D11
D12
D13
D14
D15
INTR
nBSLED
nTXLED
nPROM
nPULSE1
nPULSE2
RXIN
CLK
CACLK
NC
NC
nTOPH
nIOR
nIOW
nMEMR
nMEMW
GND
nIOCS16
nMEMCS16
9 8 7 6 5 4 3 2 1 84 83 82 81 80 79 78 77 76 75
11 10
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33 34 35 36 37 38
40 41 42 43 44 45 46 47 48 49 50 51 52 53
39
IOCHRDY
nOWS
nSBHE
BALE
PACKAGE: 84-Pin PLCC
Ordering Information: COM90C66 LJP
nTOPL
COM90C66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com