Electronic Components Datasheet Search
  English  ▼

X  

COM90C66 Datasheet(PDF) 5 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 5 Page - SMSC Corporation

  COM90C66 Datasheet HTML 1Page - SMSC Corporation COM90C66 Datasheet HTML 2Page - SMSC Corporation COM90C66 Datasheet HTML 3Page - SMSC Corporation COM90C66 Datasheet HTML 4Page - SMSC Corporation COM90C66 Datasheet HTML 5Page - SMSC Corporation COM90C66 Datasheet HTML 6Page - SMSC Corporation COM90C66 Datasheet HTML 7Page - SMSC Corporation COM90C66 Datasheet HTML 8Page - SMSC Corporation COM90C66 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
5
DESCRIPTION OF PIN FUNCTIONS
PLCC
PIN NO.
NAME
SYMBOL
DESCRIPTION
66
nMemory Read nMEMR
Input.
This active low signal is issued by the host
microprocessor to indicate a Memory Read operation. A
low level on this pin when the COM90C66 is accessed
enables data from the internal RAM of the COM90C66 or
the PROM onto the data bus to be read by the host.
67
nMemory
Write
nMEMW
Input.
This active low signal is issued by the host
microprocessor to indicate a Memory Write operation. A
low pulse on this pin when the COM90C66 is accessed
enables data from the data bus into the internal RAM of
the COM90C66.
52
Reset In
RESETIN
Input. This active high signal is the power on reset signal
from the host.
It is used to activate the internal reset
circuitry within the COM90C66.
53
nROM Enable
nENROM
Input. This active low signal enables the decoding of the
external PROM.
This signal also affects the timing of
IOCHRDY and the number of address lines used to
decode nMEMCS16. This signal is connected to a weak
internal pull-up resistor.
54
nROM Select
nPROM
Output.
This active low signal is issued by the
COM90C66 to enable the external 8-bit wide PROM or
the external register of the COM90C66.
30
Interrupt
Request
INTR
Output.
This active high signal is generated by the
COM90C66 when an enabled interrupt condition occurs.
INTR returns to its inactive state when the interrupt
status condition or the corresponding interrupt mask bit
is reset.
72
nZero Wait
State
n0WS
Output. This active low signal is used to force zero wait
state access cycles on the IBM PC Bus. This is an open-
drain signal.
An external pull-up resistor is typically
provided by the system.
70
nMemory
16-Bit Chip
Select
nMEMCS16
Output. This active low signal is used to indicate that the
present data transfer is a 16-bit memory cycle.
The
COM90C66 can be configured to use A19-A17 or A19-
A11 to generate nMEMCS16.
This is an open-drain
signal. An external pull-up resistor is typically provided
by the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com