Electronic Components Datasheet Search
  English  ▼

X  

COM90C66 Datasheet(PDF) 71 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 67Page - SMSC Corporation COM90C66 Datasheet HTML 68Page - SMSC Corporation COM90C66 Datasheet HTML 69Page - SMSC Corporation COM90C66 Datasheet HTML 70Page - SMSC Corporation COM90C66 Datasheet HTML 71Page - SMSC Corporation COM90C66 Datasheet HTML 72Page - SMSC Corporation COM90C66 Datasheet HTML 73Page - SMSC Corporation COM90C66 Datasheet HTML 74Page - SMSC Corporation COM90C66 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
71
FIGURE 15 - READ RAM CYCLE
nMEMR High to nTOPH, nTOPL High
t1
t2
t3
t4
t5
t6
Parameter
Address, nSBHE Set Up to BALE Low *
Address, nSBHE Hold after BALE Low *
Address, nSBHE Set Up to nMEMR Low
nMEMR Low to Valid Data
nMEMR Low to nTOPH, nTOPL Low
min
20
20
25
0
0
typ
max
30
units
nS
nS
nS
nS
nS
nS
15
t7
nMEMR High to Data High Impedance
0
20
nS
t8
nMEMR High to BALE High (Next Address)
30
nS
A19-A17 to nMEMCS16 Low (Unlatched) (128K RAM Decode)
A19-A11 to nMEMCS16 Low (Latched) (2K RAM Decode)
Address, nSBHE invalid to nMEMCS16 High
t9
t10
t11
80
25
40
nS
nS
nS
0
0
0
A0-A19
VALID DATA
VALID
t2
t1
t3
t4
t5
t8
t9
t10
BALE
nMEMR
D0-D7
nTOPL
nTOPH,
nMEMCS16
(Unlatched)
nMEMCS16
(Latched)
D0-D15
or
nSBHE
t6
t7
t11
**
t2***
For latched addresses, t1 and t2 do not apply. Please refer to Figure 21 for Latched Address
Mode
130ns minimum inactive time on consective memory reads from the COM90C66.
For Revision D devices, if BALE is tied high, then Address, nSBHE must be held for 20nsec
after nMEMR Low.
*
**
***
Modified Version of Page 50 for Rev. D COM90C66 Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com