Electronic Components Datasheet Search
  English  ▼

X  

COM90C66 Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 4 Page - SMSC Corporation

  COM90C66 Datasheet HTML 1Page - SMSC Corporation COM90C66 Datasheet HTML 2Page - SMSC Corporation COM90C66 Datasheet HTML 3Page - SMSC Corporation COM90C66 Datasheet HTML 4Page - SMSC Corporation COM90C66 Datasheet HTML 5Page - SMSC Corporation COM90C66 Datasheet HTML 6Page - SMSC Corporation COM90C66 Datasheet HTML 7Page - SMSC Corporation COM90C66 Datasheet HTML 8Page - SMSC Corporation COM90C66 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
4
DESCRIPTION OF PIN FUNCTIONS
PLCC
PIN NO.
NAME
SYMBOL
DESCRIPTION
PROCESSOR INTERFACE
75-84, 2-
11
Address 0-19
A0-A19
Input. These signals are connected to the address lines
of the host processor and are used to access memory
and I/O locations of the COM90C66, as well as to access
the external ROM through the COM90C66.
13-20,
22-29
Data 0-15
D0-D15
Input/Output.
These signals are used by the host to
transmit data to and from the internal registers and buffer
memory of the COM90C66 and are connected to weak
internal pull-up resistors.
63, 62
nTransceiver
Direction
Control
nTOPL,
nTOPH
Output.
These active low signals control the data bus
transceiver. When these signals are high, data gets sent
from the PC to the COM90C66. When these signals are
low, data gets sent from the COM90C66 to the PC, or
from the PROM to the PC if the PROM signal is also low.
71
I/O Channel
Ready
IOCHRDY
Output. This signal, when low, is optionally used by the
COM90C66 to extend host cycles. This is an open-drain
signal. An external pull-up resistor is typically provided
by the system.
12
Address
Enable
AEN
Input. This signal, when low, acts as a qualifier for I/O
Address Selection.
When the signal is high, I/O
decoding is disabled. This signal has no effect on
Memory Address Selection.
74
Address Latch
Enable
BALE
Input.
The falling edge of this signal is used by the
COM90C66 to latch the A0-A19 lines and the nSBHE
signal via an internal transparent latch.
This signal is
connected to a weak internal pull-up resistor.
64
nI/O Read
nIOR
Input.
This active low signal is issued by the host
microprocessor to indicate an I/O Read operation. A low
level on this pin when the COM90C66 is accessed
enables
data
from
the
internal
registers
of
the
COM90C66.
65
nI/O Write
nIOW
Input.
This active low signal is issued by the host
microprocessor to indicate an I/O Write operation. A low
pulse on this pin when the COM90C66 is accessed
enables data from the Data Bus into the internal registers
of the COM90C66.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com