Electronic Components Datasheet Search
  English  ▼

X  

COM90C66 Datasheet(PDF) 6 Page - SMSC Corporation

Part # COM90C66
Description  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 2Page - SMSC Corporation COM90C66 Datasheet HTML 3Page - SMSC Corporation COM90C66 Datasheet HTML 4Page - SMSC Corporation COM90C66 Datasheet HTML 5Page - SMSC Corporation COM90C66 Datasheet HTML 6Page - SMSC Corporation COM90C66 Datasheet HTML 7Page - SMSC Corporation COM90C66 Datasheet HTML 8Page - SMSC Corporation COM90C66 Datasheet HTML 9Page - SMSC Corporation COM90C66 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PLCC
PIN NO.
NAME
SYMBOL
DESCRIPTION
69
nI/O 16-Bit
Chip Select
nIOCS16
Output. This active low signal is used to indicate that the
present data transfer is a 16-bit I/O cycle. A15-A2 are
used to generate nIOCS16. This is an open-drain signal.
An external pull-up resistor is typically provided by the
system.
73
nSystem Bus
High Enable
nSBHE
Input.
This active low signal is used to enable the
COM90C66 to transfer data on D8-D15 of the Data Bus.
TRANSMISSION MEDIA INTERFACE
56, 55
nPulse 2,
nPulse 1
nPULSE 2,
nPULSE 1
Output. These active low signals carry the transmit data
information,
encoded
in
pulse
format,
from
the
COM90C66 to the LAN Driver.
57
Receive In
RXIN
Input.
This signal carries the receive data information
from the LAN Driver to the COM90C66.
MISCELLANEOUS
51-47
Memory Base
Address Select
MS0-MS4
Input. These signals are generated by external switches.
They are used by the memory decoder to select a block
of memory.
These signals are connected to weak
internal pull-up resistors.
46-44
I/O Base
Address Select
IOS0-IOS2
Input. These signals are generated by external switches.
They are used by the I/O decoder to select a block of 16
I/O locations.
These signals are connected to weak
internal pull-up resistors.
35-42
Node ID Select
NID0-NID7
Input. These signals are generated by external switches.
The Node ID code represents the node identification of
this particular COM90C66. These signals are connected
to weak internal pull-up resistors.
32
nTransmit
Activity LED
nTXLED
Output.
This active low signal is used for direct
connection to an LED through a resistor to Vcc to indicate
transmit activity. This signal has 12mA sink capability.
31
nBoard Select
Activity LED
nnBSLED
Output.
This active low signal is used for direct
connection to an LED through a resistor to Vcc to indicate
board activity. This signal has 12mA sink capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com