Electronic Components Datasheet Search
  English  ▼

X  

2SC5446 Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 28Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 29Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 30Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 31Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 32Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 33Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 34Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 35Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Troubleshooting
5-3
5-3 No Sound
No Sound, but Picture is
in normal operation
Check the CN602
Connection and Signal
Check
14V Line
Check
IC601 Input
Voltages (5V,8V)
Check
IC601 #24, #25
Check
D816, Q906
Normal
Normal
Replace
IC602
Check
IC601 Input Signal
Replace
IC601
Normal
Normal
Normal
Check
FA803S
Abnormal
Abnormal
Abnormal
Abnormal
Abnormal
Check
IC602 #7
(If the pin is in low state,
Sound is mute)
er
Check
the coils around IC601
Abnormal
Check
the Tuner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com