Electronic Components Datasheet Search
  English  ▼

X  

2SC5446 Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 19Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 20Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 24Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 25Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 26Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Alignment and Adjustments
4-12
Soft Limit Slope B
Output
511
400
300
200
100
0
0
100
200
300
400
500
600
700
800
900
1023
Li
tilt 1 [0...511]
tilt 2 [0...511]
Part 1
Part 2
Slope 1 [0...15]
Slope 2 [0...15]
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
range=256...511
Hard limiter
“Soft Limit” is that Limitting
the peak white without
feed-back, but “Peak Limit” is
that with feed-back for white
peak level
Soft Limit & Hard Limit
Note 4.
Peak White Max
Peak White Tilt
VBST
VBSOB
Soft Limit Slope B
V Peaking
HBST
Gain1(Video)
Delay1(Video)
Velocity Limit
Velocity Delay
Velocity Coring
V Slice Level
1
2
3
4
5
6
7
8
9
10
11
12
13
190
50
184
25
29
3
24
63
1
126
7
3
1
Sets Peak White Limit point.
Vertical blanking start
Picture the bottom position SAG or cut problem countermeasure
Vertical blanking stop
Picture upside position SAG or cut problem countermeasure
Controls the size of shoot about the horizontal line of Luminance
Horizontal blainking start
Picture right edge position SAG or cut problem countermeasure"
Velocity video gain
Velocity video delay
Velocity limit
Velocity delay
Velocity frequency coring
Allows the sync slice level of sync separate block to be changed.
This item corresponds to the case where a vertical bouncing happens
according to signal conditions by area (overmodulation, especially).
0: 100% 1: 90%
2: 75% 3: 60%"
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
4-7-2(E) VIDEO 3 ADJUST
No.
OSD
Function
Remark
Initial
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com