Electronic Components Datasheet Search
  English  ▼

X  

2SC5446 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 16Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 17Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 18Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 19Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 20Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 21Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 22Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 23Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
Alignment and Adjustments
4-9
4-7-2(C) VIDEO ADJUST 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Red Cufoff
Green Cutoff
Blue Cutoff
Red Drive
Green Drive
Blue Drive
Sub Bright
Sub Contrast
Sub Color
Sub Tint
Sub Threshold
BCL Gain
BCL Time
BCL Time2
BCL Bri Reduction
P.DK.YC Delay
P.I.YC Delay
P.L.YC Delay
S.BG.YC Delay
S.DK.YC Delay
S.L.YC Delay
P.BG.YC Delay
P.YC Delay
S.YC. Delay
N.YC. Delay
Adjusts the gain of red output from low light.
Adjusts the gain of green output from low light.
Fix this gain to 127.
Adjusts the gain of blue output from low light.
Adjusts the gain of red output from high light.
Adjusts the gain of green output from high light. After “G2-Adjustment”
and White Balance adjustments are complete, this data is fixed to 127."
Adjusts the gain of blue output from high light.
Adjust sub brightness level to set the low light luminance in Picture
Standard mode.
Adjust sub brightness level to set the low light luminance in Picture
Standard mode. Set the value of sub contrast to near 50. The user
control“contrast” depends on this value.
User contrast=[sub cont*2/100]If sub contrast data is 10, user contrast
changes into 1/5step.
Adjusts sub color level to set the gain for color in Picture Standard mode.
Adjusts the sub tint level of NTSC color system.
Beam Current Limit threshold current if SENSE input used 0...-2048 BCL
threshold current if RSW1 input used(max. ADC output ~2047)
Beam Current Limit loop Gain
BCL time constant; 0 = off
Teletext Contrast Level
BCL Brighness Reduction
PAL-D/K Y/C Delay
PAL-I Y/C Delay
PAL-L Y/C Delay
SECAM-B/G Y/C Delay
SECAM-D/K Y/C Delay
SECAM-L Y/C Delay
PAL-B/G Y/C Delay
External PAL Y/C Delay
SExternal SECAM Y/C Delay
External NTSC Y/C Delay
W/B
FIX
W/B
W/B
FIX
W/B
W/B
W/B
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
127
127
127
127
127
127
90
52
2
17
128
59
144
1
125
5
7
6
7
2
5
7
6
2
3
No.
OSD
Initial Value
Function
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com