Electronic Components Datasheet Search
  English  ▼

X  

2SC5446 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 7Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 8Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 9Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 10Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 11Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 12Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
2-4
Table 2 - 3 IC Line - Up
NO
1
2
3
DESCRIPTION
Main Tuner with IF Block
Trans Switching
Trans FBT(ELDOR)
Video Output AMP R.G.B Drive
Push-Pull (VM)
TR-Power (TILT)
OP-AMP (TILT)
Video Switching IC with Adder Output
LOC. NO
TU01S
T801S
T444S
IC501
QF04
QF05
QG02
QG03
ICG01
ICS01
SPEC
TCPW3001PD16A
AA26-00046A
1372, 0079A
TDA6111Q
2SC2344
2SA1011
KSA940
KSD2073-H2
KA4558
TEA6425
REMARK
Refer to Table 2-3-4
Refer to Table 2-3-6
Refer to Table 2-3-7
Option
Option
BOARD
MAIN
CRT
V-S/W
Reference Information
SPEC
MSP3411G
MSP3410D
FUNCTION
Multistandard, A2 Stereo, Nicam, Vitual Dolby
Multistandard, A2 Stereo, Nicam
REMARK
SPEC
TDA7297
FUNCTION
15W x 2CH, 10W x 2CH
REMARK
SPEC
TCPW3001PD16A
FUNCTION
CW
REMARK
Main
Table 2-3-2 SOUND IC (IC601)
Table 2-3-3 SOUND AMP (IC602)
Table 2-3-4 1’st TUNER (TU01S)
SPEC
DDP3310
VPC3230
SDA9401
FUNCTION
Sipadoss Module
AA98-00134B(with SDA9401)
REMARK
Table 2-3-1 VIDEO IC (IC201S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com