Electronic Components Datasheet Search
  English  ▼

X  

2SC5446 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # 2SC5446
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5446 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button 2SC5446 Datasheet HTML 49Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 50Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 51Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 52Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 53Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 54Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 55Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 56Page - Toshiba Semiconductor 2SC5446 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Electric Parts List
7-19
HA83-00010A LP-RESIN;,OROGLAS,VM-100 ZHN 2
AZ760123
0.001
AA64-01970B KNOB POWER;29V1,HIPS,HB,PW-001P,PEARL-WH
AZ760163
1
HA83-00042A LP-MARKING PAINT;,KTSA112,PEARL WHITE,TS
AZ760164
0.001
HA83-00006A LP-RESIN HIPS;,BASF495F,NTR,HB
AZ760125
0.001
HA83-00016A LP-RESIN;,M BATCH,WILSON 213-WT-60,WHIT
AZ760126
0.001
AA64-01972A BADGE BRAND;TOOL,29 TOSHIBA,-,-,-,-,-,-
AZ760128
1
HA83-00049A LP-ADHESIVE-HM;SPACE
AZ760129
0.28
AA61-60003J SPRING-CS;-,SUS304,-,-,OD6,N7,OD6,-,-,-,
AZ760018
1
AA65-30105A CLAMP-WIRE;ALL MODEL,NYLON 66,V2,-,NTR,1
AZ760035
2
AA64-01510E INLAY AV;29V1,PS SHEET,T0.3,KS3A SILVER
AZ760165
1
AA64-02437B CABINET-FRONT;29V1,HIPS,HB,KTSA112,WHITE
AZ760166
1
HA83-00042A LP-MARKING PAINT;,KTSA112,PEARL WHITE,TS
AZ760164
0.07
HA83-00018A LP-MARKING PAINT;,LIGHTGRAY,TPC180
AZ760167
0.00008
HA83-00043A LP-MARKING PAINT;,OXIDIZED SILVER,VPAA52
AZ760136
0.091
HA83-00006A LP-RESIN HIPS;,BASF495F,NTR,HB
AZ760125
0.001
HA83-00016A LP-RESIN;,M BATCH,WILSON 213-WT-60,WHIT
AZ760126
0.001
AA61-10054A BRACKET-CRATER;6277,STS304,T0.5,-,-,-,-
AZ760134
2
AA64-01969B KNOB CONTROL;29V1,HIPS,HB,PLANTING-SILVE
AZ760135
1
HA83-00043A LP-MARKING PAINT;,OXIDIZED SILVER,VPAA52
AZ760136
0.001
HA83-00006A LP-RESIN HIPS;,BASF495F,NTR,HB
AZ760125
0.001
HA83-00016A LP-RESIN;,M BATCH,WILSON 213-WT-60,WHIT
AZ760126
0.001
6002-000515
SCREW-TAPPING;RH,+,2,M4,L15,ZPC,SWRCH18
AZ760117
2
HA61-00711C HOLDER-PCB;SPACE
AZ760137
1
ASSY-CABINET(COM)
*
AA90-01096A ASSY-CABINET(COM);KS3A,29V1,KS3A,FLAT,TS
AZ760103
1
HA64-02448B CABINET BACK;29K8,HIPS,V0,GRY
AZ760104
1
HA83-00013A LP-RESIN HIPS;,NTR,HB,DOW A-TECH,IEC65
AZ760105
0.001
HA83-00012A LP-RESIN;,M BATCH,WILSON 6053-GY-60,GRY
AZ760106
0.001
AA65-30113A CLAMP-D,COIL;NYLON 66,V2,BLK,TVI 25~29,-
AZ760107
4
AA65-30008A CLAMP-CORD;PE,HB,BLK,-,-,-
AZ760108
1
CB+CF
6003-001025
SCREW-TAPTITE;RH,M4,L20,BLK
AZ760109
5
CB+TBA
6003-001025
SCREW-TAPTITE;RH,M4,L20,BLK
AZ760109
5
TB+JAC
6003-001025
SCREW-TAPTITE;RH,M4,L20,BLK
AZ760109
2
CRT+CF
AA60-10050V SCREW-ASSY;-,SWRCH18A,M6,L30,HH,+,WC,-,Z
AZ760110
4
CF+SPK
AA60-10050A SCREW-ASSY;-,SWRCH18A,M4,L25,RH,+,WP,-,Z
AZ760111
4
AA65-30009A CLAMP-FBT;ABS,V0,BLK,-,-,-
AZ760070
1
AA65-30110A CLAMP-WIRE;ALL MODEL,NYLON 66,V2,-,BLK,P
AZ760112
2
HA68-02177A LABEL-PQS;SPACE
AZ760113
1
HA83-00046A LP-TAPE INK;,WIDTH 105 MM
AZ760114
0.23
HA68-02179A LABEL-RATING;,58MM,54MM,WHITE
AZ760115
1
HA83-00052A LP-TAPE-INK;SPACE
AZ760116
0.06
CF+KC
6002-000515
SCREW-TAPPING;RH,+,2,M4,L15,ZPC,SWRCH18
AZ760117
2
AA63-10002A BAND-TIE;-,NYLON66 V2,-,-,L100,NTR,-,-
AZ760068
5
AA65-30104B CLAMP-WIRE;ALL MODEL,NYLON 66,V2,-,BLK,W
AZ760118
2
CF+AV
6003-001135
SCREW-TAPTITE;TH,+,B,M4.0,L15,BLK,SWRCH1
AZ760119
2
AA64-00894J INLAY BACK;KS3A,29V1,PS SHEET,T0.3,BLK,T
AZ760120
1
ASSY PACKING
*
AA90-01137A ASSY PACKING;29V1
AZ760138
1
AA60-40006A PIN-STAPLE;-,-,H18,33X17.8X2.4,-,AUTO
AZ760008
24
HA69-00722B PACKING CASE;,29V1,TSB
AZ760139
1
AA69-30032F BAG-SHEET;HDPE+PE FOAM,-,W1400,H1400,-,-
AZ760140
1
HA68-02178A LABEL-BOX;,250MM,90MM,WHITE
AZ760141
2
HA83-00046A LP-TAPE INK;,WIDTH 105 MM
AZ760142
0.5
HA69-01110A CUSHION SET;TOOL,29 TOSHIBA,CASTING
AZ760143
1
HA01-030006 RESIN-EPS;CHEIL SF-301V,WHT
AZ760072
0.001
HA02-030012 TAPE-CELLULOSE;—,T0,046,W75,L990M
AZ760144
2.5
ASSY CRT
*
AA94-05837A ASSY CRT;A68QCP893X004,+380MG,29,4:3,Y
AZ760200
1
AA03-00301A CRT COLOR;A68QCP893X004,+380MG,0.315MH,7
AZ760201
1
AA27-00128A COIL DEGAUSSING;-,-,-,-,50T,7,-,29inch,2
AZ760180
1
AA98-70011A ASSY-TBC,WIRE(P);-,29INCH,NTSC,PAL,2P-WH
AZ760181
1
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com