Electronic Components Datasheet Search
  English  ▼

X  

RFD3055 Datasheet(PDF) 5 Page - Harris Corporation

Part # RFD3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD3055 Datasheet(HTML) 5 Page - Harris Corporation

  RFD3055 Datasheet HTML 1Page - Harris Corporation RFD3055 Datasheet HTML 2Page - Harris Corporation RFD3055 Datasheet HTML 3Page - Harris Corporation RFD3055 Datasheet HTML 4Page - Harris Corporation RFD3055 Datasheet HTML 5Page - Harris Corporation RFD3055 Datasheet HTML 6Page - Harris Corporation RFD3055 Datasheet HTML 7Page - Harris Corporation RFD3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
RFD3055, RFD3055SM, RFP3055
FIGURE 13. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits
FIGURE 14. UNCLAMPED ENERGY WAVEFORMS
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. RESISTIVE SWITCHING WAVEFORMS
FIGURE 17. RESISTIVE SWITCHING TEST CIRCUIT
Typical Performance Curves (Continued)
STARTING TJ = +150
oC
STARTING TJ = +25
oC
50
10
1
0.001
0.01
0.1
1
tAV, TIME IN AVALANCHE (msec)
If R = 0
tAV = (L) (IAS) / (1.3RATED BVDSS - VDD)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
VDD
VDS
BVDSS
tp
IAS
tAV
tP
VGS
0.01
Ω
L
IL
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
tD(ON)
tR
90%
10%
VDS
90%
10%
tF
tD(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
VDD
RL
VDS
DUT
RGS
0V
VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com