Electronic Components Datasheet Search
  English  ▼

X  

RFD3055 Datasheet(PDF) 3 Page - Harris Corporation

Part # RFD3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD3055 Datasheet(HTML) 3 Page - Harris Corporation

  RFD3055 Datasheet HTML 1Page - Harris Corporation RFD3055 Datasheet HTML 2Page - Harris Corporation RFD3055 Datasheet HTML 3Page - Harris Corporation RFD3055 Datasheet HTML 4Page - Harris Corporation RFD3055 Datasheet HTML 5Page - Harris Corporation RFD3055 Datasheet HTML 6Page - Harris Corporation RFD3055 Datasheet HTML 7Page - Harris Corporation RFD3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RFD3055, RFD3055SM, RFP3055
Typical Performance Curves
FIGURE 1. SAFE- OPERATING AREA CURVE
FIGURE 2. NORMALIZED MAXIMUM TRANSIENT THERMAL
IMPEDANCE
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. TYPICAL SATURATION CHARACTERISTICS
FIGURE 6. TYPICAL TRANSFER CHARACTERISTICS
50
10
1
0.1
1
10
100
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
TC = +25
oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
1ms
100
µs
10ms
DC
VDSS MAX = 60V
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
SINGLE PULSE
10
8
6
4
2
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
12
14
10-3
10-2
10-1
100
101
102
103
104
10
100
t, PULSE WIDTH (ms)
VGS = 20V
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE +25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
'I
I
25
*
175
T
C
–
150
--------------------
=
TC = +25
oC
200
24
18
12
6
0
0.0
1.5
3.0
4.5
6.0
7.5
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
VGS = 10V
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4.5V
PULSE DURATION = 250
µsT
C = +25
oC
+25oC
+175oC
0.0
2.0
4.0
6.0
8.0
10.0
VGS, GATE-TO-SOURCE VOLTAGE (V)
24
18
12
6
0
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
-55oC
VDD = 15V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com