Electronic Components Datasheet Search
  English  ▼

X  

RFD3055 Datasheet(PDF) 2 Page - Harris Corporation

Part # RFD3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD3055 Datasheet(HTML) 2 Page - Harris Corporation

  RFD3055 Datasheet HTML 1Page - Harris Corporation RFD3055 Datasheet HTML 2Page - Harris Corporation RFD3055 Datasheet HTML 3Page - Harris Corporation RFD3055 Datasheet HTML 4Page - Harris Corporation RFD3055 Datasheet HTML 5Page - Harris Corporation RFD3055 Datasheet HTML 6Page - Harris Corporation RFD3055 Datasheet HTML 7Page - Harris Corporation RFD3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Specifications RFD3055, RFD3055SM, RFP3055
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
Drain-Source Breakdown Voltage
BVDSS
ID = 0.25mA, VGS = 0V
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 0.25mA
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = 60V,
VGS = 0V
TC = +25
oC-
-
1
µA
TC = +150
oC-
-
50
µA
Gate-Source Leakage Current
IGSS
VGS = ±20V
-
-
100
nA
On Resistance
rDS(ON)
ID = 12A, VGS = 10V
-
-
0.150
W
Turn-On Time
tON
VDD = 30V, ID = 12A
RL = 2.5Ω, VGS = +10V
RGS = 10Ω
-
-
40
ns
Turn-On Delay Time
tD(ON)
-7-
ns
Rise Time
tR
-21-
ns
Turn-Off Delay Time
tD(OFF)
-16-
ns
Fall Time
tF
-10-
ns
Turn-Off Time
tOFF
-
-
40
ns
Total Gate Charge
QG(TOT)
VGS = 0 to 20V
VDD = 48V,
ID = 12A,
RL = 4Ω
-19
23
nC
Gate Charge at 10V
QG(10)
VGS = 0 to 10V
-
10
12
nC
Threshold Gate Charge
QG(TH)
VGS = 0 to 2V
-
0.6
0.8
nC
Plateau Voltage
V(PLATEAU)
ID = 12A, VDS = 15V
-
-
7.5
V
Input Capacitance
CISS
VDS = 25V, VGS = 0V
f = 1MHz
-
300
-
pF
Output Capacitance
COSS
-
100
-
pF
Reverse Transfer Capacitance
CRSS
-30-
pF
Thermal Resistance Junction to Case
RθJC
-
-
2.8
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252 Package
-
-
100
oC/W
TO-220 Package
-
-
80
oC/W
Source-Drain Diode Ratings and Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
Forward Voltage
VSD
ISD = 12A
-
-
1.5
V
Reverse Recovery Time
tRR
ISD = 12A, dISD/dt = 100A/µs
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com