Electronic Components Datasheet Search
  English  ▼

X  

RFD3055 Datasheet(PDF) 1 Page - Harris Corporation

Part # RFD3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD3055 Datasheet(HTML) 1 Page - Harris Corporation

  RFD3055 Datasheet HTML 1Page - Harris Corporation RFD3055 Datasheet HTML 2Page - Harris Corporation RFD3055 Datasheet HTML 3Page - Harris Corporation RFD3055 Datasheet HTML 4Page - Harris Corporation RFD3055 Datasheet HTML 5Page - Harris Corporation RFD3055 Datasheet HTML 6Page - Harris Corporation RFD3055 Datasheet HTML 7Page - Harris Corporation RFD3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
RFD3055, RFD3055SM
RFP3055
12A, 60V, Avalanche Rated, N-Channel
Enhancement-Mode Power MOSFETs (MegaFETs)
Packaging
JEDEC TO-220AB
TOP VIEW
JEDEC TO-251AA
TOP VIEW
JEDEC TO-252AA
TOP VIEW
Symbol
GATE
DRAIN
SOURCE
SOURCE
DRAIN
GATE
SOURCE
DRAIN
GATE
D
G
S
Features
• 12A, 60V
•rDS(ON) = 0.150Ω
•
Temperature Compensating PSPICE Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• +175oC Operating Temperature
Description
The RFD3055, RFD3055SM and RFP3055 N-Channel
power MOSFETs are manufactured using the MegaFET pro-
cess. This process, which uses feature sizes approaching
those of LSI integrated circuits gives optimum utilization of
silicon, resulting in outstanding performance. They were
designed for use in applications such as switching regula-
tors, switching converters, motor drivers, relay drivers and
emitter switches for bipolar transistors.
These transistors
can be operated directly from integrated circuits.
The RFD3055 is supplied in the JEDEC TO-251AA plastic
package, the RFD3055SM is supplied in the JEDEC
TO-252AA plastic package and the RFP3055 is supplied in the
JEDEC TO-220AB plastic package. Due to space limitations
the RFD3055 and RFD3055SM are branded FD3055.
When
ordering
use
the
entire
part
number;
eg.
RFD3055SM.
Developmental type TA49082.
February 1994
Absolute Maximum Ratings
(TC = +25
oC), Unless Otherwise Specified
RFD3055, RFD3055SM, RFP3055
UNITS
Drain Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
RMS Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
12
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
Refer to Peak Current Curve
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Maximum Avalanche Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IAM
30
A
Power Dissipation
TC = +25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
53
W
Derate above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PT
0.357
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-55 to +175
oC
File Number
3648


Similar Part No. - RFD3055

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055 FAIRCHILD-RFD3055 Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD3055 FAIRCHILD-RFD3055 Datasheet
418Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD3055 ISC-RFD3055 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD3055

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com