Electronic Components Datasheet Search
  English  ▼

X  

RFD3055 Datasheet(PDF) 4 Page - Harris Corporation

Part # RFD3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD3055 Datasheet(HTML) 4 Page - Harris Corporation

  RFD3055 Datasheet HTML 1Page - Harris Corporation RFD3055 Datasheet HTML 2Page - Harris Corporation RFD3055 Datasheet HTML 3Page - Harris Corporation RFD3055 Datasheet HTML 4Page - Harris Corporation RFD3055 Datasheet HTML 5Page - Harris Corporation RFD3055 Datasheet HTML 6Page - Harris Corporation RFD3055 Datasheet HTML 7Page - Harris Corporation RFD3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RFD3055, RFD3055SM, RFP3055
FIGURE 7. NORMALIZED RDS(ON) vs JUNCTION
TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
TEMPERATURE
FIGURE 9. NORMALIZED DRAIN SOURCE BREAKDOWN
VOLTAGE vs TEMPERATURE
FIGURE 10. NORMALIZED POWER DISSIPATION vs
TEMPERATURE DERATING CURVE
FIGURE 11. TYPICAL CAPACITANCE vs VOLTAGE
FIGURE 12. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT. REFER TO
APPLICATION NOTE AN7254 AND AN7260
Typical Performance Curves (Continued)
PULSE DURATION = 250
µs, V
GS = 10V, ID = 12A
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
160
120
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
VGS = 0V, f = 1MHz
CISS
COSS
CRSS
400
600
200
0
0
5
10
15
20
25
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
60
45
30
15
0
10
7.5
5.0
2.5
0
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
t, TIME (
µs)
VDD = BVDSS
VDD = BVDSS
RL = 5Ω
IG(REF) = 0.24mA
VGS = 10V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com