Electronic Components Datasheet Search
  English  ▼

X  

AP7350 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7350
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7350 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7350 Datasheet HTML 4Page - Diodes Incorporated AP7350 Datasheet HTML 5Page - Diodes Incorporated AP7350 Datasheet HTML 6Page - Diodes Incorporated AP7350 Datasheet HTML 7Page - Diodes Incorporated AP7350 Datasheet HTML 8Page - Diodes Incorporated AP7350 Datasheet HTML 9Page - Diodes Incorporated AP7350 Datasheet HTML 10Page - Diodes Incorporated AP7350 Datasheet HTML 11Page - Diodes Incorporated AP7350 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP7350
Document number: DS38432 Rev. 5 - 2
8 of 13
www.diodes.com
March 2020
© Diodes Incorporated
AP7350
Performance Characteristics (continued)
Turn On
Turn Off
VIN = 4.3V, VOUT = 3.3V, IOUT = 0mA, CIN = COUT = 0.1µF
VIN = 4.3V, VOUT = 3.3V, IOUT = 0mA, CIN = COUT = 0.1µF
VIN = 4.3V, VOUT = 3.3V, IOUT = 150mA, CIN = COUT = 0.1µF
VIN = 4.3V, VOUT = 3.3V, IOUT = 150mA, CIN = COUT = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com