Electronic Components Datasheet Search
  English  ▼

X  

AP7350 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7350
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7350 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7350 Datasheet HTML 1Page - Diodes Incorporated AP7350 Datasheet HTML 2Page - Diodes Incorporated AP7350 Datasheet HTML 3Page - Diodes Incorporated AP7350 Datasheet HTML 4Page - Diodes Incorporated AP7350 Datasheet HTML 5Page - Diodes Incorporated AP7350 Datasheet HTML 6Page - Diodes Incorporated AP7350 Datasheet HTML 7Page - Diodes Incorporated AP7350 Datasheet HTML 8Page - Diodes Incorporated AP7350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7350
Document number: DS38432 Rev. 5 - 2
1 of 13
www.diodes.com
March 2020
© Diodes Incorporated
AP7350
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
Description
The AP7350 is a low dropout regulator with high output voltage
accuracy. The AP7350 includes a voltage reference, error amplifier,
current limit circuit and an enable input to turn it on/off. With the
integrated resistor network, fixed output voltage versions can be
delivered.
With
its
ultra-low
quiescent
current
and
miniature
package
dimensions, the AP7350 is well suited for low-power handheld,
wearable devices, and other battery-operated devices requiring an
extended time period until new battery replacement.
The AP7350 is available in the wafer level chip scale X2-WLB0606-4
package. This part is one of the smallest LDO footprints in the
industry allowing for the use of a bare minimum of board space within
the application.
Features
Low VIN and Wide VIN Range: 2.0V to 5.25V
Guarantee Output Current, 150mA
Output Voltage Range: 1.2V to 4.5V
VOUT Accuracy: ±1%
Quiescent Current as Low as 0.25µA
Typical Standby Current 0.02µA
ESD Protection Exceeds JESD 22
Exceeds 4000V Human Body Model (A114)
Exceeds 400V Machine Model (A115)
Latch-Up Exceeds 400mA per JESD 78, Class I
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish SnAgCu Balls, Solderable per MIL-STD-202,
Method 208
Weight: 0.01 grams (Approximate)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
2:GND
V
4: IN
V
4: IN
3:VOUT
2: GND
:
1 EN
:
1 EN
(Bottom View)
3:VOUT
X2-WLB0606-4
Applications
Wearable Electronics
Sensor Module for Internet-of-Things (IoT)
Wireless Communication Module
Battery-Operated Device
Camera
Image Sensor
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit (Notes 4 & 5)
AP7350
VIN
EN
GND
VOUT
VIN
VOUT
CIN
0.1µF
COUT
0.1µF
Notes:
4. X5R- and X7R-type capacitors are suggested due to their minimal variation in value and ESR over temperature.
5. Avoid light exposure of the chip scale package to maintain the expected electrical performance and functionality of the AP7350.


Similar Part No. - AP7350

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7351D-08FS4-7 DIODES-AP7351D-08FS4-7 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7351D-08FS4-7B DIODES-AP7351D-08FS4-7B Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7351D-08W5-7 DIODES-AP7351D-08W5-7 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7351D-08W5-7B DIODES-AP7351D-08W5-7B Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
More results

Similar Description - AP7350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com