Electronic Components Datasheet Search
  English  ▼

X  

AP7350 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7350
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7350 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7350 Datasheet HTML 1Page - Diodes Incorporated AP7350 Datasheet HTML 2Page - Diodes Incorporated AP7350 Datasheet HTML 3Page - Diodes Incorporated AP7350 Datasheet HTML 4Page - Diodes Incorporated AP7350 Datasheet HTML 5Page - Diodes Incorporated AP7350 Datasheet HTML 6Page - Diodes Incorporated AP7350 Datasheet HTML 7Page - Diodes Incorporated AP7350 Datasheet HTML 8Page - Diodes Incorporated AP7350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP7350
Document number: DS38432 Rev. 5 - 2
3 of 13
www.diodes.com
March 2020
© Diodes Incorporated
AP7350
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.0
5.25
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C
Electrical Characteristics (@TA = +25°C, VEN = VIN = 5.0V (VOUT > 4.0V), VEN = VIN = VOUT+1V (1.5V < VOUT ≤ 4.0V), VEN = VIN =
2.5V (VOUT ≤ 1.5V), IOUT = 1mA, CIN = COUT = 0.1µF, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
2.0
—
5.25
V
Output Voltage Accuracy
VOUT > 2.0V
IOUT = 1mA
TA = +25°C
-1
—
+1
%
TA = -40°C to +85°C
-2
—
+2
VOUT
≤ 2.0V
IOUT = 1mA
TA = +25°C
-40
—
40
mV
TA = -40°C to +85°C
-80
—
80
Line Regulation (∆VOUT/∆VIN/VOUT)
MAX (VOUT + 1.0V, 2.5V)
≤ VIN ≤ 5.0V
—
0.02
0.1
%/V
Load
Regulation (∆VOUT)
1mA
≤ IOUT ≤ 150mA (all versions except 4.5V)
-25
—
25
mV
1mA
≤ IOUT ≤ 150mA (applicable to 4.5V version)
-45
—
45
mV
Short Circuit Current Limit (Note 8)
VOUT = 0V
—
60
—
mA
Quiescent Current (Note 9)
IOUT = 0mA
TA = +25°C
—
0.25
0.4
µA
TA = -40°C to +85°C
—
—
0.7
µA
Standby Current (ISTANDBY)
Set EN low, No load
—
0.02
0.2
µA
Output Current
VIN ≥ VOUT + VDROPOUT
150
—
—
mA
Dropout Voltage (Note 10)
IOUT = 150mA
VOUT = 1.2V
—
0.60
0.90
V
VOUT = 1.5V
—
0.43
0.75
VOUT = 1.8V
—
0.33
0.60
VOUT = 1.85V
—
0.32
0.58
VOUT = 2.3V
—
0.25
0.51
VOUT = 2.5V
—
0.22
0.48
VOUT = 2.7V
—
0.21
0.44
VOUT = 2.8V
—
0.19
0.40
VOUT = 3.0V
—
0.18
0.35
VOUT = 3.3V
—
0.16
0.35
VOUT = 4.5V
—
0.14
0.35
Thermal Resistance Junction-to-Ambient
(
θJA) (Note 11)
Package: X2-WLB0606-4
—
267
—
°C/W
EN Input Low Voltage
—
—
—
0.4
V
EN Input High Voltage
—
1.0
—
5.25
V
Active Output Discharge Resistance
(Note 12)
VIN = 4.0V, VEN = 0V
—
35
—
Ω
Notes:
8. Short circuit current is measured with VOUT pulled to GND.
9. Quiescent current defined here is the difference in current between the input and the output.
10. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
11. Test condition: X2-WLB0606-4 is mounted on PCB (compliant with JEDEC standard).
12. AP7350 is available with 2 options: built-in discharge (AP7350D) and non-discharge (AP7350).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com