Electronic Components Datasheet Search
  English  ▼

X  

AP7350 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7350
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7350 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7350 Datasheet HTML 1Page - Diodes Incorporated AP7350 Datasheet HTML 2Page - Diodes Incorporated AP7350 Datasheet HTML 3Page - Diodes Incorporated AP7350 Datasheet HTML 4Page - Diodes Incorporated AP7350 Datasheet HTML 5Page - Diodes Incorporated AP7350 Datasheet HTML 6Page - Diodes Incorporated AP7350 Datasheet HTML 7Page - Diodes Incorporated AP7350 Datasheet HTML 8Page - Diodes Incorporated AP7350 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7350
Document number: DS38432 Rev. 5 - 2
2 of 13
www.diodes.com
March 2020
© Diodes Incorporated
AP7350
Pin Descriptions
Pin Number
Pin Name
Function
1
EN
Channel enable pin. This pin should be driven either high or low and must not be floating. Driving this pin
high enables regulator output, while pulling it low enable regulator into shutdown mode.
2
GND
Ground
3
VOUT
Output voltage pin
4
VIN
Power input pin
Functional Block Diagram
VIN
EN
GND
VOUT
Current Limit
VREF
-
+
VIN
EN
GND
VOUT
Current Limit
VREF
-
+
AP7350 (Without Discharge)
AP7350D (With Discharge)
Absolute Maximum Ratings (Note 6)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
4
kV
ESD MM
Machine Model ESD Protection
400
V
VIN
Input Voltage
6.0
V
VEN
Input Voltage at EN pin
6.0
V
VOUT
Output Voltage to GND
-0.3 to VIN +0.3
V
TA
Operating Ambient Temperature
-40 to +85
°C
TJ
Maximum Junction Temperature
+125
°C
TSTG
Storage Temperature
-55 to +125
°C
PD
Power Dissipation (Note 7)
315
mW
Notes:
6. Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect
device reliability.
7. This is based on an application temperature of +40°C. Derate 3.75mW per °C for each degree above +40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com