Electronic Components Datasheet Search
  English  ▼

X  

AP7350 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7350
Description  150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7350 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7350 Datasheet HTML 5Page - Diodes Incorporated AP7350 Datasheet HTML 6Page - Diodes Incorporated AP7350 Datasheet HTML 7Page - Diodes Incorporated AP7350 Datasheet HTML 8Page - Diodes Incorporated AP7350 Datasheet HTML 9Page - Diodes Incorporated AP7350 Datasheet HTML 10Page - Diodes Incorporated AP7350 Datasheet HTML 11Page - Diodes Incorporated AP7350 Datasheet HTML 12Page - Diodes Incorporated AP7350 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7350
Document number: DS38432 Rev. 5 - 2
10 of 13
www.diodes.com
March 2020
© Diodes Incorporated
AP7350
Ordering Information (Note 13)
AP7350 X - XXX XXX - 7
Package
Output Voltage
Output Discharge
12 : 1.2V
Packing
7 : 7
” Tape & Reel
CF4 : X2-WLB0606-4
15 : 1.5V
18 : 1.8V
185 : 1.85V
23 : 2.3V
25 : 2.5V
27 : 2.7V
Blank : Non Discharge
D : Output Discharge
28 : 2.8V
30 : 3.0V
33 : 3.3V
45 : 4.5V
Device
Without Discharge
Device
With Discharge
Output
Voltage
Package
Code
Package
7” Tape and Reel
Quantity
Part Number
Suffix
AP7350-12CF4-7
AP7350D-12CF4-7
1.2
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-15CF4-7
AP7350D-15CF4-7
1.5
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-18CF4-7
AP7350D-18CF4-7
1.8
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-185CF4-7
AP7350D-185CF4-7
1.85
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-23CF4-7
AP7350D-23CF4-7
2.3
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-25CF4-7
AP7350D-25CF4-7
2.5
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-27CF4-7
AP7350D-27CF4-7
2.7
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-28CF4-7
AP7350D-28CF4-7
2.8
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-30CF4-7
AP7350D-30CF4-7
3.0
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-33CF4-7
AP7350D-33CF4-7
3.3
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
AP7350-45CF4-7
AP7350D-45CF4-7
4.5
CF4
X2-WLB0606-4
3,000/Tape & Reel
-7
Note:
13. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com