Electronic Components Datasheet Search
  English  ▼

X  

LS-T6 Datasheet(PDF) 43 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 43 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 39Page - IDEC Corporation LS-T6 Datasheet HTML 40Page - IDEC Corporation LS-T6 Datasheet HTML 41Page - IDEC Corporation LS-T6 Datasheet HTML 42Page - IDEC Corporation LS-T6 Datasheet HTML 43Page - IDEC Corporation LS-T6 Datasheet HTML 44Page - IDEC Corporation LS-T6 Datasheet HTML 45Page - IDEC Corporation LS-T6 Datasheet HTML 46Page - IDEC Corporation LS-T6 Datasheet HTML 47Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
43
Maintenance Parts
Name & Shape
Part No.
Description & Dimensions (mm)
Package
Quantity
LED Lamp
LSED-6R
6V AC/DC
20.8
Base BA9S/14
1
LSED-1R
12V AC/DC
LSED-2R
24V AC/DC
LSED-HR
110/120V AC/DC
LSED-M3R
230/240V AC/DC
Incandescent Lamp
LS-T6P
6.3V, 1W
One pack contains 100
incandescent lamps.
Base BA9S/13
±1
23
100
LS-T8P
18V, 1W
LS-T3P
30V, 1W
Single Contact Block
YW-E10P
Color: blue
Contact: 1NO
10
YW-E01P
Color: reddish purple
Contact: 1NC
Nameplate (for ø22 Emergency Stop Switches)
Description
Legend
Material
Part No.
Ordering No.
Package
Quantity
Dimensions (mm)
HWAV
Blank
Plastic (yellow)
1.5 mm thick
HWAV-0-Y
HWAV-0-Y
1
EM
ERGENCY
STOP
ø60
ø22
0.9
1.6
• Legend “Emergency Stop”
is indicated outside a ø44mm circle.
EMERGENCY STOP
HWAV-27-Y HWAV-27-Y
1
M3.5 Terminal Screw
41.4
YW Series Emergency Stop Switches ø22
YW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com