Electronic Components Datasheet Search
  English  ▼

X  

LS-T6 Datasheet(PDF) 51 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 51 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 47Page - IDEC Corporation LS-T6 Datasheet HTML 48Page - IDEC Corporation LS-T6 Datasheet HTML 49Page - IDEC Corporation LS-T6 Datasheet HTML 50Page - IDEC Corporation LS-T6 Datasheet HTML 51Page - IDEC Corporation LS-T6 Datasheet HTML 52Page - IDEC Corporation LS-T6 Datasheet HTML 53Page - IDEC Corporation LS-T6 Datasheet HTML 54Page - IDEC Corporation LS-T6 Datasheet HTML 55Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
51
Dimensions
Non-illuminated
Illuminated/Push-ON
Plastic Bezel
IP20 Fingersafe
33
47.7
ø40
4.8
+0.2
0
ø30.5
R0.8m
ax.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
IP20 Cover
XW9Z-VL2MF
ø40 mm
Mushroom
ø60 mm
Jumbo Mushroom
33
Rubber Gasket
Locking Ring
M3 Terminal
Screws
33
47.7
ø40
Panel Thickness
1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal
Screws
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
ø40 mm
Mushroom
ø60 mm
Jumbo Mushroom
33
Push-ON
Illuminated
33
47.7
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
Rubber Gasket
Locking Ring
M3 Terminal
Screws
IP20 Cover
XW9Z-VL2MF
Panel Thickness 1 to 5
ø40
Push-ON
Illuminated
33
47.7
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal
Screws
ø40
w/Terminal Cover
w/Terminal Cover
IP20 Fingersafe
Non-Illuminated
All dimensions in mm.
Flush Bezel
IP20 Fingersafe
w/Terminal Cover
Illuminated/Push-ON
IP20 Fingersafe
w/Terminal Cover
ø40
4.8
+0.2
0
ø30.5
R0.8m
ax.
+0.5
0
Panel Cut-out
21
60.4
Panel Thickness 1 to 5
Rubber Gasket
Locking Ring
M3 Terminal
Screws
IP20 Cover
XW9Z-VL2MF
21
60.4
ø40
4.8
+0.2
0
ø30.5
R0.8
max.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal Screws
Push-ON
Illuminated
21
60.4
Rubber Gasket
Locking Ring
M3 Terminal Screws
ø40
4.8
+0.2
0
ø30.5
R0.8
max.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
Terminal Cover
XW9Z-VL2M
Push-ON
Illuminated
ø40
21
60.4
4.8
+0.2
0
ø30.5
R0.8
max.
+0.5
0
Panel Cut-out
Panel Thickness 1 to 5
IP20 Cover
XW9Z-VL2MF
Rubber Gasket
Locking Ring
M3 Terminal Screws
XN Series Emergency Stop Switches ø30
XN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com