Electronic Components Datasheet Search
  English  ▼

X  

LS-T6 Datasheet(PDF) 60 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 60 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 56Page - IDEC Corporation LS-T6 Datasheet HTML 57Page - IDEC Corporation LS-T6 Datasheet HTML 58Page - IDEC Corporation LS-T6 Datasheet HTML 59Page - IDEC Corporation LS-T6 Datasheet HTML 60Page - IDEC Corporation LS-T6 Datasheet HTML 61Page - IDEC Corporation LS-T6 Datasheet HTML 62Page - IDEC Corporation LS-T6 Datasheet HTML 63Page - IDEC Corporation LS-T6 Datasheet HTML 64Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
60
SEMI EMO Switch Guards
Switch Guards
Package Quantity: 1
Series
Description & Shape
Part No.
Applicable
Switches
Remarks
ø16mm
XA Series
ø16 mm
EMO Switch Guard
XA9Z-KG1
XA1E-BV3
XA1E-BV4
XA1E-LV3
XA1E-LV4
• SEMI S2 compliant
(The combination of IDEC’s emergency stop
switches and EMO switch guards are approved
by TÜV Rheinland for compliance with SEMI S2
standard.)
ø22 mm
EMO Switch Guard
HW9Z-KG1
XW1E-BV4
XW1E-LV4
XW1E-TV4
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
HW1E-BV4
HW1E-LV4
• SEMI S2-0703, 12.5.1 compliant.
• Widely used switch guard in many applications.
ø22mm
HW/XW Series
ø22 mm
EMO Switch Guard
HW9Z-KG2
XW1E-BV4
XW1E-LV4
XW1E-TV4
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
HW1E-BV4
HW1E-LV4
• SEMI S2-0703, 12.5.1 compliant.
• SEMATECH Application Guide for SEMI S2-93,
12.4. compliant.
• The round shape is effective to prevent
inadvertent operation from any direction.
ø22 mm
EMO Switch Guard
HW9Z-KG3
XW1E-BV4
XW1E-LV4
XW1E-TV4
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
• SEMI S2 compliant
(The combination of IDEC's emergency stop
switches and EMO switch guards are approved
by TÜV Rheinland for compliance with SEMI S2
standard.)
• The smallest switch guard for ø22 series
switches.
• Can be installed on FB control boxes.
ø22 mm
EMO Switch Guard
HW9Z-KG4*
XW1E-BV4
XW1E-BV5
XW1E-LV4
XW1E-TV4
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
HW1E-BV4
HW1E-LV4
• SEMI S2 compliant
(The combination of IDEC's emergency stop
switches and EMO switch guards are approved
by TÜV Rheinland for compliance with SEMI S2
standard.)
• SEMATECH Application Guide for SEMI S2-93,
12.4. compliant.
• Narrower than HW9ZKG5. Saves more space.
• Can be installed on FB control boxes.
• Available in white.
ø22 mm
EMO Switch Guard
HW9Z-KG5*
XW1E-BV4
XW1E-LV4
XW1E-TV4
XW1E-BV5
HW1B-V3
HW1B-V4
HW1B-X4
HW1B-Y2
HW1E-BV4
HW1E-LV4
• SEMI S2 compliant
(The combination of IDEC's emergency stop
switches and EMO switch guards are approved
by TÜV Rheinland for compliance with SEMI S2
standard.)
• SEMATECH Application Guide for SEMI S2-93,
12.4. compliant.
• A nameplate can be installed.
• Available in white.
• Specify a color code in place of *. Blank: yellow (Munsell 2.5Y8/10 or equivalent), -W: white (Munsell N9.5)
• Material: polyamide (PA6), degree of protection: IP65 (IEC 60529)
SEMI S2 Compliant Switch Guards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com