Electronic Components Datasheet Search
  English  ▼

X  

LS-T6 Datasheet(PDF) 53 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 53 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 49Page - IDEC Corporation LS-T6 Datasheet HTML 50Page - IDEC Corporation LS-T6 Datasheet HTML 51Page - IDEC Corporation LS-T6 Datasheet HTML 52Page - IDEC Corporation LS-T6 Datasheet HTML 53Page - IDEC Corporation LS-T6 Datasheet HTML 54Page - IDEC Corporation LS-T6 Datasheet HTML 55Page - IDEC Corporation LS-T6 Datasheet HTML 56Page - IDEC Corporation LS-T6 Datasheet HTML 57Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
53
Accessories and Replacement Parts
Name & Shape
Material
Part No.
Ordering No.
Package
Quantity
Remarks
PPE
XW9Z-VL2M
XW9Z-VL2MPN02
2
• Black
• Used for screw terminals.
• Attached to IP20 protection cover units.
Polyamide XW9Z-VL2MF XW9Z-VL2MFPN02
2
• Black
• Used to change terminal cover to IP20
fingersafe terminal.
• Only solid wires can be used. Once installed,
IP20 terminal cover cannot be removed.
Brass
XN9Z-T1
XN9Z-T1
1
• Used to tighten the locking ring when installing
the XN emergency stop switch onto a panel.
Steel
Trivalent
chromate
plating
TWST-T1
TWST-T1
1
• Used to tighten the locking ring when installing
the XN emergency stop switch onto a panel.
• The XN series emergency stop switches are supplied with either terminal cover or IP20 fingersafe terminal cover.
• Padlocks and hasps are not supplied and must be ordered separately.
Nameplates (for ø30 Emergency Stop Switches)
Description & Shape
Legend
Part No.
Package
Quantity
Dimensions (mm)
(blank)
HNAV-0
1
Polyamide
Mounting panel thickness
XN4E-L4: 1.0 to 4.5 mm
XNE-V4: 1.0 to3.5 mm
EMERGENCY
STOP
HNAV-27
Plate color: Yellow (Munsell 2.5Y 8/10 or equivalent),
Legend: Black
Padlock and Hasp
Padlocks and hasps of the following specifications can be used with
padlockable emergency stop switches.
Padlock Size
a
b
c
d
7 mm maximum
19 mm minimum
39 mm minimum
15 mm minimum
(Note)
Note: When the padlock is installed from the side of the bezel, dimension d
requires a minimum of 6 mm. When the padlock is installed from the front of
the button, dimension d requires a minimum of 15 mm.
Terminal Cover
IP20 Fingersafe
Terminal Cover
Ring Wrench
90
ø3
8
Ring Wrench
23.777
1.0
1.5
ø60
ø30
XN Series Emergency Stop Switches ø30
c
Recommended Hasp
Maker
Part No.
PANDUIT CORP.
PSL-HD3
PSL-1A
Master Lock®
Company LLC
420, 421
Use only padlocks or hasps that satisfy the specifications
shown on the left. The maximum total weight for padlocks and
hasps is 1500g.
Make sure that the total weight does not exceed 1500g,
otherwise the XN emergency stop switch may be damaged.
Make sure that locking and unlocking of the padlock and hasp
do not interfere with other devices.
Padlocks and hasps are available from the following
manufacturers.
Manufacturer
URL
PANDUIT CORP.
http://www.panduit.com/
Master Lock® Company LLC
http://www.masterlock.com/
XN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com