Electronic Components Datasheet Search
  English  ▼

X  

LS-T6 Datasheet(PDF) 62 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 62 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 56Page - IDEC Corporation LS-T6 Datasheet HTML 57Page - IDEC Corporation LS-T6 Datasheet HTML 58Page - IDEC Corporation LS-T6 Datasheet HTML 59Page - IDEC Corporation LS-T6 Datasheet HTML 60Page - IDEC Corporation LS-T6 Datasheet HTML 61Page - IDEC Corporation LS-T6 Datasheet HTML 62Page - IDEC Corporation LS-T6 Datasheet HTML 63Page - IDEC Corporation LS-T6 Datasheet HTML 64Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
62
Stop Switches
ø16mm XA series Stop Switch Pushlock Pull or Turn Reset with Removable Contact Block
Package quantity: 1
Description & Shape
NC Main
Contact
NO Monitor
Contact
Part No.
Solder Terminal
PCB Terminal
ø29mm Mushroom
1NC
—
XA1E-BV301➀
XA1E-BV301V➀
2NC
—
XA1E-BV302➀
XA1E-BV302V➀
3NC
—
XA1E-BV303➀
XA1E-BV303V➀
4NC
—
XA1E-BV304➀
XA1E-BV304V➀
1NC
1NO
XA1E-BV311➀
XA1E-BV311V➀
2NC
1NO
XA1E-BV312➀
XA1E-BV312V➀
3NC
1NO
XA1E-BV313➀
XA1E-BV313V➀
ø40mm Mushroom
1NC
—
XA1E-BV401Y
XA1E-BV401VY
2NC
—
XA1E-BV402Y
XA1E-BV402VY
3NC
—
XA1E-BV403Y
XA1E-BV403VY
4NC
—
XA1E-BV404Y
XA1E-BV404VY
1NC
1NO
XA1E-BV411Y
XA1E-BV411VY
2NC
1NO
XA1E-BV412Y
XA1E-BV412VY
3NC
1NO
XA1E-BV413Y
XA1E-BV413VY
• Specify button color code Y (yellow) or N (gray) in place of ➀ in the Part No.
• Pushlock pull or turn reset is locked when pressed, and reset when pulled or turned clockwise.
• Terminal cover (XA9Z-VL2) is not supplied and must be ordered separately.
• See page 15 for specifications and instructions.
ø16mm X6 series Stop Switch Pushlock Pull or Turn Reset Unibody (Solder Terminal)
Package quantity: 1
Description & Shape
Operator
NC Main Contact
Part No.
(Photo: ø30mm Mushroom)
ø30mm
1NC
AB6E-3BV01PY
2NC
AB6E-3BV02PY
ø40mm
1NC
AB6E-4BV01PY
2NC
AB6E-4BV02PY
• Pushlock pull or turn reset is locked when pressed, and reset when pulled or turned clockwise.
• Do not use yellow stop switches as emergency stop switches.
• See page 8 for specifications and instructions.
ø16mm XA series Stop Switch Pushlock Pull or Turn Reset Unibody (Solder Terminal)
Package quantity: 1
Description & Shape
Operator
NC Main
Terminal
Part No.
IP40
IP65
(Photo: ø29mm Mushroom)
ø29mm
1NC
XA1E-BV3U01K➀
XA1E-BV3U01➀
2NC
XA1E-BV3U02K➀
XA1E-BV3U02➀
ø40mm
1NC
XA1E-BV4U01K➀
XA1E-BV4U01➀
2NC
XA1E-BV4U02K➀
XA1E-BV4U02➀
• Specify button color code Y (yellow) or N (gray) in place of ➀ in the Part No.
• Pushlock pull or turn reset is locked when pressed, and reset when pulled or turned clockwise.
• Solder/tab 110 terminal is available. To order, insert ”T” before the Y in the Part No. Example: XA1E-BV3U02KYXA1E-BV3U02KTY
• See page 13 for specifications and instructions.
Stop Switches
Wider variety with yellow button, white guard and nameplate
According to SEMI S26-0308 Environmental, Health, and Safety Guideline for FPD Manufacturing Systems published in
March 2008, the combination of a red button and yellow background cannot be used for switches that have only local or
partial shut down functions. IDEC’s yellow button switch, white switch guard, and nameplate can satisfy the requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com