Electronic Components Datasheet Search
  English  ▼

X  

IR3088MTR Datasheet(PDF) 33 Page - International Rectifier

Part # IR3088MTR
Description  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3088MTR Datasheet HTML 26Page - International Rectifier IR3088MTR Datasheet HTML 27Page - International Rectifier IR3088MTR Datasheet HTML 28Page - International Rectifier IR3088MTR Datasheet HTML 29Page - International Rectifier IR3088MTR Datasheet HTML 30Page - International Rectifier IR3088MTR Datasheet HTML 31Page - International Rectifier IR3088MTR Datasheet HTML 32Page - International Rectifier IR3088MTR Datasheet HTML 33Page - International Rectifier IR3088MTR Datasheet HTML 34Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
I
IR3088
Stencil Design
• The stencil apertures for the lead lands should be approximately 80% of the area of the lead lands.
Reducing the amount of solder deposited will minimize the occurrence of lead shorts. Since for 0.5mm pitch
devices the leads are only 0.25mm wide, the stencil apertures should not be made narrower; openings in
stencils < 0.25mm wide are difficult to maintain repeatable solder release.
• The stencil lead land apertures should therefore be shortened in length by 80% and centered on the lead
land.
• The land pad aperture should be striped with 0.25mm wide openings and spaces to deposit approximately
50% area of solder on the center pad. If too much solder is deposited on the center pad the part will float
and the lead lands will be open.
• The maximum length and width of the land pad stencil aperture should be equal to the solder resist opening
minus an annular 0.2mm pull back to decrease the incidence of shorting the center land to the lead lands
when the part is pushed into the solder paste.
Metal and Solder Resist
Page 33 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com