Electronic Components Datasheet Search
  English  ▼

X  

IR3088MTR Datasheet(PDF) 16 Page - International Rectifier

Part # IR3088MTR
Description  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3088MTR Datasheet HTML 12Page - International Rectifier IR3088MTR Datasheet HTML 13Page - International Rectifier IR3088MTR Datasheet HTML 14Page - International Rectifier IR3088MTR Datasheet HTML 15Page - International Rectifier IR3088MTR Datasheet HTML 16Page - International Rectifier IR3088MTR Datasheet HTML 17Page - International Rectifier IR3088MTR Datasheet HTML 18Page - International Rectifier IR3088MTR Datasheet HTML 19Page - International Rectifier IR3088MTR Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
IR3088
MAX
L
FB
O
TOFST
CS
NLOFST
O
MAX
L
FB
R
I
R
n
V
V
R
R
_
_
_
_
∗
∗
∗
−
∗
=
(15)
O
MIN
CS
MAX
L
FB
DRP
R
n
G
R
R
R
∗
∗
∗
=
_
_
(16)
Body Braking
TM Related Resistors RBBFB and RBBDRP
The body braking
TM during Dynamic VID can be disabled by connecting BBFB pin to ground. If the feature is
enabled, Resistors RBBFB and RBBDRP are needed to restore the feedback voltage of the error amplifier after
Dynamic VID step down. Usually RBBFB and RBBDRP are chosen to match RFB and RDRP respectively.
IR3088 EXTERNAL COMPONENTS
PWM Ramp Resistor RPWMRMP and Capacitor CPWMRMP
PWM ramp is generated by connecting the resistor RPWMRMP between a voltage source and PWMRMP pin as well
as the capacitor CPWMRMP between PWMRMP and LGND. Choose the desired PWM ramp magnitude VRAMP and
the capacitor CPWMRMP in the range of 100pF and 470pF, and then calculate the resistor RPWMRMP from Equation
(17). To achieve feed-forward voltage mode control, the resistor RRAMP should be connected to the input of the
converter.
)]
ln(
)
[ln(
*
*
*
PWMRMP
DAC
IN
DAC
IN
PWMRMP
SW
IN
O
PWMRMP
V
V
V
V
V
C
f
V
V
R
−
−
−
−
=
(17)
Inductor Current Sensing Capacitor CCS+ and Resistors RCS+ and RCS-
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS+ and capacitor
CCS+ in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage
across the capacitor CCS+ represents the inductor current. If the two time constants are not the same, the AC
component of the capacitor voltage is different from that of the real inductor current. The time constant mismatch
does not affect the average current sharing among the multiple phases, but affect the current signal ISHARE as well
as the output voltage during the load current transient if adaptive voltage positioning is adopted.
Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS+ and calculate RCS+ as
follows.
+
+ =
CS
L
CS
C
R
L
R
(18)
The bias current flowing out of the non-inverting input of the current sense amplifier creates a voltage drop across
RCS+, which is equivalent to an input offset voltage of the current sense amplifier. The offset affects the accuracy of
converter current signal ISHARE as well as the accuracy of the converter output voltage if adaptive voltage
positioning is adopted. To reduce the offset voltage, a resistor RCS- should be added between the amplifier inverting
input and the converter output.
+
− =
CS
CS
R
R
(19)
If RCS- is not used, RCS+ should be chosen so that the offset voltage is small enough. Usually RCS+ should be less
than 2 kΩ and therefore a larger CCS+ value is needed.
Page 16 of
34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com