Electronic Components Datasheet Search
  English  ▼

X  

IR3088MTR Datasheet(PDF) 12 Page - International Rectifier

Part # IR3088MTR
Description  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3088MTR Datasheet HTML 8Page - International Rectifier IR3088MTR Datasheet HTML 9Page - International Rectifier IR3088MTR Datasheet HTML 10Page - International Rectifier IR3088MTR Datasheet HTML 11Page - International Rectifier IR3088MTR Datasheet HTML 12Page - International Rectifier IR3088MTR Datasheet HTML 13Page - International Rectifier IR3088MTR Datasheet HTML 14Page - International Rectifier IR3088MTR Datasheet HTML 15Page - International Rectifier IR3088MTR Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
IR3088
Phase Fault
It is possible for multiphase converters to appear to be working correctly with one or more phases not functioning.
The output voltage can still be regulated and the full load current may still be delivered. However, the remaining
phase(s) will be stressed far beyond their intended design limits and are likely to fail. Loss of a phase can occur due
to poor solder connections or mounting during the manufacturing process, or can occur in the field. The most
common failure mode of a buck converter is failure of the high side MOSFET. The IR3088 has the ability to detect if
a phase stops switching and can provide this information to the system through the PHSFLT output pin. If a phase
stops switching its output current will drop to zero and the output of its IR3088 current sense amplifier will be the
DACIN voltage. The Share Adjust Amplifier reacts to this by increasing the Ramp Slope Adjust current until it
exceeds the externally programmable PWM Ramp bias current. This will cause the voltage at the PWMRMP pin to
drop below its normal operating range. The Fault Comparator trips and drives the PHSFLT output to ground when
the voltage on the PWMRMP pin falls below 91% of the DACIN voltage. PHSFLT is an open-collector output and
should be pulled up to a voltage source through a resistor.
APPLICATIONS INFORMATION
DBST
CVCC
ROCSET
DBST
CCS+
CBST
RCP
CCS-
RBIASIN
CFB
CBST
0.1uF
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
FB
18
VDRP
17
IIN
16
OCSET
15
IR3081
CONTROL
IC
CSCOMP
CVCCL
RCS+
RVCC
CSCOMP
RCS-
RCS-
CVCC
CVCCL
RCS+
RCS-
CSCOMP
RSHARE
RFB
CIN
RVDAC
CVDAC
CIN
CCS+
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CCS-
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CCS-
RVCC
RFB1
CVCCL
RBIASIN
RFB21
ROSC
RVCC
RPWMRMP
RBIASIN
DBST
CCS+
RPWMRMP
0.1uF
CVCC
RCS+
CVCC
CCP1
RFB22
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CBST
CCP
CIN
RPWMRMP
10 ohm
RVCC
POWERGOOD
VOUT SENSE-
12V
VID3
VID0
VID4
VID5
ENABLE
VID2
VRHOT
VID1
VOUT+
VOUT SENSE+
VOUT-
PHASE FAULT
DISTRIBUTION
IMPEDANCE
COUT
1nF
Figure 7. IR3081/3088 12V to 2.5V 3 Phase Converter
Page 12 of
34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com