Electronic Components Datasheet Search
  English  ▼

X  

IR3088MTR Datasheet(PDF) 13 Page - International Rectifier

Part # IR3088MTR
Description  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3088MTR Datasheet HTML 9Page - International Rectifier IR3088MTR Datasheet HTML 10Page - International Rectifier IR3088MTR Datasheet HTML 11Page - International Rectifier IR3088MTR Datasheet HTML 12Page - International Rectifier IR3088MTR Datasheet HTML 13Page - International Rectifier IR3088MTR Datasheet HTML 14Page - International Rectifier IR3088MTR Datasheet HTML 15Page - International Rectifier IR3088MTR Datasheet HTML 16Page - International Rectifier IR3088MTR Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IR3088
DBST
RCS+
CBST
DBST
RCS+
CBST
L
RPWMRMP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
RVCC
CVCCL
20k
RBIASIN
ROCSET
CCS+
RSHARE
20k
RBIASIN
20k
RBIASIN
CCS-
RCS+
RPWMRMP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
20k
RBIASIN
RVCC
CFB
RVCC
CVCCL
CCS+
RDRP
ROSC
RCS-
CVCC
RPWMRMP
RCS-
CSCOMP
CCS-
RFB
RBBFB
1nF
RCS-
L
L
CCS+
RPWMRMP
RBBDRP
CCS+
CSCOMP
CCS-
CVCCL
CSCOMP
CSCOMP
CCS-
RVCC
CVCCL
20k
RBIASIN
CSCOMP
CVCC
CCS-
CIN
CIN
RFB1
CVCC
CVCCL
20k
RBIASIN
CCP1
DBST
RCS+
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CBST
RCP
10 ohm
RVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
0.1uF
CVCC
CCS+
RVCC
CIN
CIN
CVCC
CCS+
CCP
RPWMRMP
L
RVDAC
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
FB
18
VDRP
17
IIN
16
OCSET
15
IR3081
CONTROL
IC
RPWMRMP
0.1uF
CVDAC
RCS-
L
CDRP
RCS-
CVCC
CVCCL
L
CSCOMP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088
PHASE
IC
CCS-
RVCC
CIN
RCS-
RDRP1
CIN
VRHOT
POWERGOOD
VOUT+
PHASE FAULT
VOUT-
VOUT SENSE-
VOUT SENSE+
12V
VID3
VID4
VID5
ENABLE
VID2
VID0
VID1
DISTRIBUTION
IMPEDANCE
COUT
DBST
RCS+
CBST
VGATE
RGATE
QGATE
DGATE
DBST
RCS+
CBST
DBST
RCS+
CBST
Figure 8. IR3081/3088 Six Phase VRM/EVRD 10 Converter
Page 13 of
34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com