Electronic Components Datasheet Search
  English  ▼

X  

IR3088MTR Datasheet(PDF) 34 Page - International Rectifier

Part # IR3088MTR
Description  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3088MTR Datasheet HTML 26Page - International Rectifier IR3088MTR Datasheet HTML 27Page - International Rectifier IR3088MTR Datasheet HTML 28Page - International Rectifier IR3088MTR Datasheet HTML 29Page - International Rectifier IR3088MTR Datasheet HTML 30Page - International Rectifier IR3088MTR Datasheet HTML 31Page - International Rectifier IR3088MTR Datasheet HTML 32Page - International Rectifier IR3088MTR Datasheet HTML 33Page - International Rectifier IR3088MTR Datasheet HTML 34Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
IR3088
PACKAGE INFORMATION
20L MLPQ (4 x 4 mm Body) – θJA = 32
oC/W, θ
JC = 3
oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
www.irf.com
Page 34 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com