Electronic Components Datasheet Search
  English  ▼

X  

LTM4639 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4639
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4639 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4639 Datasheet HTML 5Page - Analog Devices LTM4639 Datasheet HTML 6Page - Analog Devices LTM4639 Datasheet HTML 7Page - Analog Devices LTM4639 Datasheet HTML 8Page - Analog Devices LTM4639 Datasheet HTML 9Page - Analog Devices LTM4639 Datasheet HTML 10Page - Analog Devices LTM4639 Datasheet HTML 11Page - Analog Devices LTM4639 Datasheet HTML 12Page - Analog Devices LTM4639 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
9 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 12V, VOUT = 1.2V, unless otherwise specified.
Figure 4. Efficiency vs Load Current (500kHz)
Figure 5. Efficiency vs Load Current (1MHz)
Figure 6. Efficiency vs Load Current (2MHz)
Figure 7. Efficiency vs PVIN
Figure 8. Forced Continuous Mode (FCM)
Figure 9. Discontinuous Mode (DCM)
500ns/DIV
VSW
5V/DIV
IL
2A/DIV
1µs/DIV
SW
5V/DIV
IL
0.5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com