Electronic Components Datasheet Search
  English  ▼

X  

LTM4639 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4639
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4639 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4639 Datasheet HTML 18Page - Analog Devices LTM4639 Datasheet HTML 19Page - Analog Devices LTM4639 Datasheet HTML 20Page - Analog Devices LTM4639 Datasheet HTML 21Page - Analog Devices LTM4639 Datasheet HTML 22Page - Analog Devices LTM4639 Datasheet HTML 23Page - Analog Devices LTM4639 Datasheet HTML 24Page - Analog Devices LTM4639 Datasheet HTML 25Page - Analog Devices LTM4639 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
22 of 35
(b) Ratiometric Tracking
Figure 35. Output Tracking Configuration
Minimum Off-Time and Minimum On-Time Considerations
The minimum off-time, tOFF(MIN), is the smallest amount of time the LT7200S is capable of turning on the bottom power
MOSFET, tripping the current comparator and turning the power MOSFET back off. This time is generally about 40ns.
The minimum off-time limit imposes a maximum duty cycle of tON/(tON + tOFF(MIN)). If the maximum duty cycle is
reached, due to a dropping input voltage for example, then the output drops out of regulation. The minimum input
voltage to avoid dropout is:
VIN(MIN) = VOUT x
tON + tOFF(MIN)
tON
Conversely, the minimum on-time is the smallest duration of time in which the top power MOSFET can be in its “on”
state. This time is typically 12ns. In continuous mode operation, the minimum on-time limit imposes a minimum
duty cycle of
DCMIN = f x tON(MIN)
where tON(MIN) is the minimum on-time. Reducing the operating frequency alleviates the minimum duty cycle
constraint.
In the rare cases where the minimum duty cycle is surpassed, the output voltage remains in regulation and the
switching frequency decreases from its programmed value. This is an acceptable result in many applications. So, this
constraint may not be of critical importance in most cases. High switching frequencies may be used in the design
without any fear of output overvoltage. As the sections on inductors and capacitor selection show, high switching
frequencies allow the use of smaller board components, thus reducing the size of the application circuit.
Internal/External ITH Compensation
The LT7200S provides the options to choose between internal and external loop compensations. By connecting the
ITH pin to INTVCC, the fixed internal loop compensation network is selected, which reduces both the required external
component count and design time. To ensure stability, it is recommended that internal compensation only be used
for applications with fSW > 1MHz.
Alternatively, by connecting the external components to the ITH pin, choose external loop compensation to optimize
the desired transient response. For multiphase, single output applications, use external compensation to tie the
corresponding ITH pins together to accurately share the output current.
VFB4
VOUT3
VOUT4
VOUT1
R2
R1
R8
R7
VOUT2
R4
R3
R6
R5
VFB1
TO
TRACK2,
TRACK3,
TRACK4
VFB2
VFB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com