Electronic Components Datasheet Search
  English  ▼

X  

LTM4639 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4639
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4639 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4639 Datasheet HTML 20Page - Analog Devices LTM4639 Datasheet HTML 21Page - Analog Devices LTM4639 Datasheet HTML 22Page - Analog Devices LTM4639 Datasheet HTML 23Page - Analog Devices LTM4639 Datasheet HTML 24Page - Analog Devices LTM4639 Datasheet HTML 25Page - Analog Devices LTM4639 Datasheet HTML 26Page - Analog Devices LTM4639 Datasheet HTML 27Page - Analog Devices LTM4639 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
24 of 35
charge or discharge COUT, generating a feedback error signal used by the regulator to return VOUT to its steady-state
value. During this recovery time, VOUT can be monitored for overshoot or ringing that indicates a stability problem.
The initial output voltage step may not be within the bandwidth of the feedback loop, so the standard second order
overshoot/DC ratio cannot be used to determine phase margin. The output voltage settling behavior is related to the
stability of the closed-loop system and demonstrates the actual overall supply performance. For detailed
explanation of optimizing the compensation components, including a review of control loop theory, refer to Analog
Devices Application Note 76.
In some applications, a more severe transient can be caused by switching in loads with large (> 47μF) input
capacitors. The discharge input capacitors are effectively put in parallel with COUT, causing a rapid drop in VOUT. No
regulator can deliver enough current to prevent this problem if the switch connecting the load has low resistance
and is driven quickly. The solution is to limit the turn-on speed of the load switch driver. A hot swap controller is
designed specifically for this purpose and usually incorporates current limiting, short-circuit protection, and soft-
starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine what is limiting the efficiency and which change
produces the most improvement. Percent efficiency can be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + …)
where L1, L2, etc., are the individual losses as a percentage of input power.
Although all dissipative elements in the circuit produce losses, three main sources usually account for most of the
losses in LT7200S circuits: 1) I2R losses, 2) switching and biasing losses, 3)other losses.
I2R losses are calculated from the DC resistances of the internal switches, RSW, and external inductor, RL. In
continuous mode, the average output current flows through inductor L but is “chopped” between the internal
top and bottom power MOSFETs. Thus, the series resistance looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP) (DC) + (RDS(ON)BOT) (1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can be obtained from the Typical Performance
Characteristics curves. Thus to obtain I2R losses:
I2R losses = IOUT2 (RSW + RL)
The switching current is the sum of the MOSFET driver and control currents. The power MOSFET driver current
results from switching the gate capacitance of the power MOSFETs. Each time a power MOSFET gate is switched
from low to high to low again, a packet of charge dQ moves from PVIN to ground. The resulting dQ/dt is a current
out of IN typically much larger than the DC control bias current. In continuous mode, IGATECHG = f(QT + QB), where QT
and QB are the gate charges of the internal top and bottom power MOSFETs, and f is the switching frequency. The
power loss is thus:
Switching Loss = IGATECHG x PVIN
The gate charge loss shows up as current through the INTVCC pin as well as frequency. Thus, their effects are more
pronounced in applications with higher input voltage and higher frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com