Electronic Components Datasheet Search
  English  ▼

X  

LTM4639 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4639
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4639 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4639 Datasheet HTML 17Page - Analog Devices LTM4639 Datasheet HTML 18Page - Analog Devices LTM4639 Datasheet HTML 19Page - Analog Devices LTM4639 Datasheet HTML 20Page - Analog Devices LTM4639 Datasheet HTML 21Page - Analog Devices LTM4639 Datasheet HTML 22Page - Analog Devices LTM4639 Datasheet HTML 23Page - Analog Devices LTM4639 Datasheet HTML 24Page - Analog Devices LTM4639 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
21 of 35
of the TRACK pin. When TRACK is above 0.5V, tracking is disabled, and the feedback voltage regulates to the internal
reference voltage.
For output tracking applications, when driving TRACK pin from another voltage source, set each channel’s output to
either coincidentally or ratiometrically track another supply’s output, as shown in Figure 34. In the following
discussions, VOUT1 refers to output of channel 1 as a master channel, and VOUT2, VOUT3, and VOUT4 refer to outputs of
channels 2, 3, and 4 respectively. In practice, use either channel as the master.
(a) Coincident Tracking
(b) Ratiometric Tracking
Figure 34. Output Tracking Applications
To implement the coincident tracking in Figure 34(a), connect additional resistive dividers to VOUT1 and connect its
midpoint to the TRACK pins of the slave channels. The ratio of these dividers should be the same as those of the slave
channels’ feedback dividers shown in Figure 35(a). In this tracking mode, VOUT1 must be set higher than VOUT2, VOUT3,
and VOUT4.
To implement the ratiometric tracking, the feedback pin of the master channel should connect to the TRACK pins of
the slave channels shown in Figure 35(b).
(a) Coincident Tracking
TIME
VOUT1
VOUT3
VOUT4
VOUT2
TIME
VOUT1
VOUT3
VOUT4
VOUT2
VFB4
R7
VOUT3
VOUT4
VOUT1
R1
R3
R5
R7
VOUT2
R3
R8
R2
R4
R6
R8
R4
R6
R5
TO
TRACK4
VFB1
TO
TRACK2
TO
TRACK3
VFB2
VFB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com