Electronic Components Datasheet Search
  English  ▼

X  

LTM4639 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4639
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4639 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4639 Datasheet HTML 9Page - Analog Devices LTM4639 Datasheet HTML 10Page - Analog Devices LTM4639 Datasheet HTML 11Page - Analog Devices LTM4639 Datasheet HTML 12Page - Analog Devices LTM4639 Datasheet HTML 13Page - Analog Devices LTM4639 Datasheet HTML 14Page - Analog Devices LTM4639 Datasheet HTML 15Page - Analog Devices LTM4639 Datasheet HTML 16Page - Analog Devices LTM4639 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
13 of 35
Figure 28. Valley Current Limit vs VITH
Figure 29. Valley Current Limit vs Temperature
PVIN = 12V, SVIN = 5V VOUT = 1.2V (4 PhaseS), fsw = 1MHz
Figure 30. Die Temperature vs Load
Figure 31. RDS(ON) vs Temperature
VITH (V)
0.1
0.4
0.7
1.0
1.3
1.6
1.9
–8
–6
–4
–2
0
2
4
6
8
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
4
5
6
7
8
TA = 24°C
IOUT (A)
0
2
4
6
8
10
12
14
16
18
20
20
30
40
50
60
70
80
90
100
PVIN = 12V, SVIN = 5V
VOUT = 1.2V (4 PHASES)
fSW = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com