Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7130
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 12Page - Analog Devices LTC7130 Datasheet HTML 13Page - Analog Devices LTC7130 Datasheet HTML 14Page - Analog Devices LTC7130 Datasheet HTML 15Page - Analog Devices LTC7130 Datasheet HTML 16Page - Analog Devices LTC7130 Datasheet HTML 17Page - Analog Devices LTC7130 Datasheet HTML 18Page - Analog Devices LTC7130 Datasheet HTML 19Page - Analog Devices LTC7130 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
16 of 35
and preventing excess current from being drawn from VIN. After the overcurrent or short is removed, the regulator
executes its soft-start function to prevent the output voltage from overshooting.
MODE/SYNC Operation
The MODE/SYNC pin is a multipurpose pin allowing both mode selection and operating frequency synchronization.
Connecting it to ground enables Burst Mode operation for superior efficiency at low load currents at the expense of
slightly higher output voltage ripple. When the MODE/ SYNC pin is tied to INTVCC or floated, forced continuous mode
operation is selected, creating the lowest fixed output ripple at the expense of light load efficiency. The LT7200S
detects the presence of the external clock signal on the MODE/SYNC pin and synchronizes the internal oscillator to
the phase and frequency of the incoming clock. The presence of an external clock places all regulators into forced
continuous mode operation.
Multiphase Operation
For output loads that demand more than 5A of current, different channels of the LT7200S outputs can be tied
together to run out of phase to provide more output current. Tying the PHMODE pin to GND forces 4-phase operation.
Tie it to INTVCC for 3-phase operation.
Table 4. PHMODE Configuration Table
PHASE
PHMODE = GND
PHMODE = INTVCC
Channel 1
0°
0°
Channel 2
180°
120°
Channel 3
90°
240°
Channel 4
270°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com