Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7130
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 24Page - Analog Devices LTC7130 Datasheet HTML 25Page - Analog Devices LTC7130 Datasheet HTML 26Page - Analog Devices LTC7130 Datasheet HTML 27Page - Analog Devices LTC7130 Datasheet HTML 28Page - Analog Devices LTC7130 Datasheet HTML 29Page - Analog Devices LTC7130 Datasheet HTML 30Page - Analog Devices LTC7130 Datasheet HTML 31Page - Analog Devices LTC7130 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
28 of 35
TYPICAL APPLICATIONS
Figure 39. Quad 1.2V/5A, 1.8V/5A, 3.3V/5A, 5V/5A, 2MHz, Buck Regulator
VOUT1
1.2V/5A
VOUT2
1.8V/5A
VOUT3
3.3V/5A
VOUT4
5V/5A
VIN
5.5V
TO 18V
10µF
×4
X5R
0805
4.7µF
14kΩ
10kΩ
4.7pF
220pF
10kΩ
47µF
×2
X7S
1206
MODE/SYNC
INTVCC
RT
50kΩ
0.26µH
LT7200S
SW1
SVIN
PVIN1
PVIN2
PVIN3
PVIN4
RUN1
RUN2
RUN3
RUN4
FB1
TRACK1
ITH1
4.7pF
220pF
10kΩ
ITH2
4.7pF
220pF
10kΩ
ITH3
4.7pF
220pF
10kΩ
ITH4
0.1µF
26.1kΩ
10kΩ
47µF
×2
X7S
1206
0.42µH
SW2
FB2
TRACK2
0.1µF
56.2kΩ
10kΩ
47µF
×2
X7S
1206
0.6µH
SW3
FB3
TRACK3
0.1µF
90.9kΩ
10kΩ
47µF
×2
X7S
1206
1µH
SW4
FB4
TRACK4
0.1µF
fSW = 2MHz
L: XEL5030
PHMODE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com