Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC7130
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 23Page - Analog Devices LTC7130 Datasheet HTML 24Page - Analog Devices LTC7130 Datasheet HTML 25Page - Analog Devices LTC7130 Datasheet HTML 26Page - Analog Devices LTC7130 Datasheet HTML 27Page - Analog Devices LTC7130 Datasheet HTML 28Page - Analog Devices LTC7130 Datasheet HTML 29Page - Analog Devices LTC7130 Datasheet HTML 30Page - Analog Devices LTC7130 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
27 of 35
CSS = 20nF
Use a typical 22nF capacitor for CSS.
Because efficiency is important at both high and low load current, discontinuous mode operation is utilized. Select
from the characteristic curves the correct RT resistor for the 1MHz switching frequency. Based on that, RRT should be
100kΩ. Then calculate the inductor value to achieve a current ripple that is about 40% of the maximum peak current
limit (5A) at maximum VIN:
L =
VOUT
f x ∆IL
x (1 −
VOUT
VIN
)
L =
1.2V
1MHz x 2A
x (1 −
1.2V
15V
) = 0.55μH
The closest standard value inductor higher is 0.6μH.
Select COUT based on the ESR required to satisfy the output ripple requirement and the bulk capacitance needed for
loop stability. For this design, use two 47μF ceramic capacitors.
Size CIN for a maximum current rating of:
IRMS_Channel = 5A x (
1.2V
15V
)√(
15V
1.2V
− 1) = 1.36A
IRMS_Total = 36A x 4 = 5.4A, if connect outputs of four channels together.
Decoupling VIN with two 22μF ceramic capacitor, as shown in Figure 38, is adequate for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com