Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7130
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 22Page - Analog Devices LTC7130 Datasheet HTML 23Page - Analog Devices LTC7130 Datasheet HTML 24Page - Analog Devices LTC7130 Datasheet HTML 25Page - Analog Devices LTC7130 Datasheet HTML 26Page - Analog Devices LTC7130 Datasheet HTML 27Page - Analog Devices LTC7130 Datasheet HTML 28Page - Analog Devices LTC7130 Datasheet HTML 29Page - Analog Devices LTC7130 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
26 of 35
2. Are COUT and L closely connected? The (–) plate of COUT returns current to GND and the (–) plate of CIN.
3. Place the FB dividers close to the part with kelvin connections to VOUT and GND at the point of load.
4. Keep sensitive components away from the SW pin. Route the FB resistors, RT resistor, compensation component,
and INTVCC bypass caps away from the SW trace and inductor.
5. A ground plane is preferred.
6. Flood all unused areas on all layers with copper, which reduces the temperature rise of power components.
Connect these copper areas to GND.
Figure 38. Example of Top Layer PCB Design
Design Example
As a design example, consider the LT7200S in an application with the following specifications:
VIN = 12V
VOUT = 1.2V
IOUT(MAX) = 5A
fSW = 1MHz
First, to program the output to 1.2V, set RFB1 to be 10kΩ and RFB2 to be 14kΩ, typical values that can be used here for
both resistors is 10kΩ. For best accuracy, use a 0.1% resistor.
For a typical soft start time of 2ms (0% to 100% of final VOUT value), the CTRACK should be:
5μA = CSS x
0.5V
2ms
31.2mm × 18.5mm
31.2mm × 18.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com